Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTS424E02BDA6E Datasheet(PDF) 24 Page - STMicroelectronics

Part # STTS424E02BDA6E
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA6E Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STTS424E02BDA6E Datasheet HTML 20Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 21Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 22Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 23Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 24Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 25Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 26Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 27Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Temperature sensor registers
STTS424E02
24/51
4.3
Temperature register (read-only)
This 16-bit, Read-only register stores the temperature measured by the internal band gap
TS as shown inTable 12. The STTS424E02 meets the JEDEC mandatory 0.25°C resolution
requirement. When reading this register, the MSBs (Bit 15 to Bit 8) are read first, and then
the LSBs (Bit 7 to Bit 0) are read. The result is the current-sensed temperature. The data
format is 2s complement with one LSB = 0.25°C. The MSB has a 128°C resolution.
The Trip status bits represent the internal temperature trip detection, and are not affected by
the status of the Event or Configuration bits (e.g. Event output control or Clear Event). If
neither of the Above or Below values are set (i.e. both are 0), then the Temperature is
exactly within the user-defined alarm window boundaries.
4.3.1
Temperature format
The 16-bit value used in the Trip Point Set and Temperature Read-back registers is 2s
complement, with the LSB equal to 0.0625°C (see Table 13). For example:
1.
a value of 019Ch represents 25.75°C,
2.
a value of 07C0h represents 124°C, and
3.
a value of 1E74h represents –24.75°C
All unused resolution bits are set to zero. The MSB will have a resolution of 128°C. The
STTS424E02 supports the 0.25°C/LSB only.
The upper 3 bits indicate Trip status based on the current temperature, and are not affected
by the Event output status.
Table 12.
Temperature register format
Sign
MSB
LSB
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Above
critical
input(1)
1.
See Table 13 for explanation.
Above
alarm
window(1)
Below
alarm
window(1)
Temperature
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com