Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTS424E02BDA6E Datasheet(PDF) 25 Page - STMicroelectronics

Part # STTS424E02BDA6E
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA6E Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STTS424E02BDA6E Datasheet HTML 21Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 22Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 23Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 24Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 25Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 26Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 27Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 28Page - STMicroelectronics STTS424E02BDA6E Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
STTS424E02
Temperature sensor registers
25/51
4.4
Temperature trip point registers (r/w)
The STTS424E02 Alarm mode registers provide for 11-bit data in 2s compliment format.
The data provides for one LSB = 0.25°C. All unused bits in these registers are read as '0'.
The STTS424E02 has three temperature trip point registers (see Table 14):
●
Alarm temperature upper boundary threshold (Table 15),
●
Alarm temperature lower boundary threshold (Table 16), and
●
Critical temperature trip point value (Table 17).
Note:
If the upper or lower boundary threshold values are being altered in-system, all interrupts
should be turned off until a known state can be obtained to avoid superfluous interrupt
activity.
Table 13.
Temperature register bit definitions
Bit
Definition with Hysteresis = 0
13
Below (temperature) alarm window
– 0 = Temperature is equal to or above the alarm window lower boundary temperature.
– 1 = Temperature is below the alarm window.
14
Above (temperature) alarm window.
– 0 = Temperature is equal to or below the alarm window upper boundary temperature.
– 1 = Temperature is below the alarm window.
15
Above critical trip
– 0 = Temperature is below the critical temperature setting.
– 1 = Temperature is equal to or above the critical temperature setting.
Table 14.
Temperature trip point register format
P2
P1
P0
Name
Register description
Width
(bits)
Type
(R/W)
Default
state (POR)
0
1
0
UPPER
Alarm temperature upper boundary
16
R/W
00 00
0
1
1
LOWER
Alarm temperature lower boundary
16
R/W
00 00
1
0
0
CRITICAL Critical temperature
16
R/W
00 00
Table 15.
Alarm temperature upper boundary register format
Sign
MSB
LSB
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
00
0
Alarm window upper boundary temperature
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com