Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM102A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM102A
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102A Datasheet(HTML) 2 Page - STMicroelectronics

  TSM102A Datasheet HTML 1Page - STMicroelectronics TSM102A Datasheet HTML 2Page - STMicroelectronics TSM102A Datasheet HTML 3Page - STMicroelectronics TSM102A Datasheet HTML 4Page - STMicroelectronics TSM102A Datasheet HTML 5Page - STMicroelectronics TSM102A Datasheet HTML 6Page - STMicroelectronics TSM102A Datasheet HTML 7Page - STMicroelectronics TSM102A Datasheet HTML 8Page - STMicroelectronics TSM102A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM102/A
2/9
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, V
CC
- = 0V, Tamb = 25°C (unless otherwise specified)
OPERATIONAL AMPLIFIER
VCC
+ = 5V, V
CC = GND, R1 connected to V
cc/2, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Value
Unit
VCC
DC supply Voltage
36
V
Vid
Differential Input Voltage
36
V
Vi
Input Voltage
-0.3 to +36
V
Toper
Operating Free-air Temperature Range
-40 to +125
°C
Tj
Maximum Junction Temperature
150
°C
Thermal Resistante Junction to Ambient
150
°C/W
Symbol
Parameter
Min.
Typ
Max.
Unit
ICC
Total Supply Current
Tmin. ≤ Tamb ≤ Tmax
0.8
1.5
2
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
Tmin ≤ Tamb ≤ Tmax
14.5
6.5
mV
DVio
Input Offset Voltage Drift
10
µV/°C
Iib
Input Bias Current
Tmin ≤ Tamb ≤ Tmax
20
100
200
nA
Iio
Input Offset Current
Tmin ≤ Tamb ≤ Tmax
520
40
nA
Avd
Large Signal Voltage Gain
R1=10k
, V
cc
+ = 30V, V
o = 5V to 25V
Tmin ≤ Tamb ≤ Tmax
50
25
100
V/mV
SVR
Supply Voltage Rejection Ratio
Vcc = 5V to 30V
80
100
dB
Vicm
Input Common Mode Rejection Ratio
Tmin ≤ Tamb ≤ Tmax
(Vcc
-) to (V
cc
+) -1.8
(Vcc
-) to (V
cc
+) -2.2
V
CMR
Common Mode Rejection Ratio
Vcc
+ = 30V, Vicm = 0V to (V
cc
+) -1.8
70
90
dB
Isc
Output Short Circuit Current
Vid = ±1V, Vo = 2.5V
Source
Sink
3
3
6
6
mA
VOH
High Level Output Voltage
RL = 10kΩ
Vcc
+ = 30V
Tmin ≤ Tamb ≤ Tmax
27
26
28
V
VOL
Low Level Output Voltage
RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
100
150
210
mV
SR
Slew Rate
Vcc = ±15V
Vi = ±10V, RL = 10kΩ, CL = 100pF
1.6
2
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com