Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM102A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSM102A
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102A Datasheet(HTML) 5 Page - STMicroelectronics

  TSM102A Datasheet HTML 1Page - STMicroelectronics TSM102A Datasheet HTML 2Page - STMicroelectronics TSM102A Datasheet HTML 3Page - STMicroelectronics TSM102A Datasheet HTML 4Page - STMicroelectronics TSM102A Datasheet HTML 5Page - STMicroelectronics TSM102A Datasheet HTML 6Page - STMicroelectronics TSM102A Datasheet HTML 7Page - STMicroelectronics TSM102A Datasheet HTML 8Page - STMicroelectronics TSM102A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TSM102/A
5/9
Figure 1 : Test Circuit for VKA = Vref
Figure 2 : Test Circuit for VKA > Vref
Figure 3 : Test Circuit for Ioff
V KA
V ref
Input
I K
VKA
IK
Vref
I ref
R
R
Input
1
2
V
KA
V
ref
1
R1
R2
--------
+


I
ref
R1
–
+
=
VKA
Input
Ioff
= 36V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com