Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM102A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM102A
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102A Datasheet(HTML) 4 Page - STMicroelectronics

  TSM102A Datasheet HTML 1Page - STMicroelectronics TSM102A Datasheet HTML 2Page - STMicroelectronics TSM102A Datasheet HTML 3Page - STMicroelectronics TSM102A Datasheet HTML 4Page - STMicroelectronics TSM102A Datasheet HTML 5Page - STMicroelectronics TSM102A Datasheet HTML 6Page - STMicroelectronics TSM102A Datasheet HTML 7Page - STMicroelectronics TSM102A Datasheet HTML 8Page - STMicroelectronics TSM102A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TSM102/A
4/9
ELECTRICAL CHARACTERISTICS
Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ
Max.
Unit
Vref
Reference Input Voltage -(figure1)- Tamb = 25°C
TSM102, VKA = Vref, IK = 10mA
TSM102A, VKA = Vref, IK = 10mA
2.475
2.490
2.500
2.500
2.525
2.510
V
∆V
ref
Reference Input Voltage Deviation Over
Temperature Range -(figure1, note1))
VKA = Vref , IK = 10mA, Tmin ≤ Tamb ≤ Tmax
1.
∆V
ref is defined as the difference between the maximum and minimum values obtained over the full temperature range.
∆V
ref= Vref max. - Vref min
730
mV
Temperature Coefficient of Reference Input Voltage - note2)
VKA = Vref , IK = 10mA, Tmin ≤ Tamb ≤ Tmax
2.
The temperature coefficient is defined as the slopes (positive and negative) of the voltage vs temperature limits whithin
which the reference voltage is guaranteed.
±22
±100
ppm/°C
Ratio of Change in Reference Input Voltage to Change in Cath-
ode to Anode Voltage -(figure2)
IK = 10mA, ∆VKA = 36 to 3V
-1.1
-2
mV/V
Iref
Reference Input Current -(figure2)
IK = 10mA, R1 = 10kΩ, R2 = ∞
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
1.5
2.5
3
µA
∆Iref
Reference Input Current Deviation Over
Temperature Range -(figure2)
IK = 10mA, R1 = 10kΩ, R2 = ∞
Tmin ≤ Tamb ≤ Tmax
0.5
1
µA
Imin
Minimum Cathode Current for Regulation -(figure1)
VKA = Vref
0.5
1
mA
Ioff
Off-State Cathode Current -(figure3)
180
500
nA
V
ref
∆
T
∆
---------------
V
ref
∆
V
KA
∆
----------------
T1
T2
Temperature
V ref max.
V ref min.
25°C
Temperature
max
2.5V
min
- n ppm
/ °C
+ n ppm
/ °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com