Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6725 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6725
Description  Voltage mode PWM controller with bootstrap anti-discharging system
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6725_07 Datasheet HTML 2Page - STMicroelectronics L6725_07 Datasheet HTML 3Page - STMicroelectronics L6725_07 Datasheet HTML 4Page - STMicroelectronics L6725_07 Datasheet HTML 5Page - STMicroelectronics L6725_07 Datasheet HTML 6Page - STMicroelectronics L6725_07 Datasheet HTML 7Page - STMicroelectronics L6725_07 Datasheet HTML 8Page - STMicroelectronics L6725_07 Datasheet HTML 9Page - STMicroelectronics L6725_07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Pin connections and functions
L6725 - L6725A
6/32
3
Pin connections and functions
Figure 2.
Pins connection (top view)
Table 4.
Pin functions
Pin n°
Name
Function
1COMP
This pin is connected to the error amplifier output and is used to compensate the
voltage control feedback loop.
2
SS/INH
The soft-start time is programmed connecting an external capacitor from this pin to
GND. The internal current generator forces a current of 10
µA through the capacitor.
When the voltage at this pin is lower than 0.5V the device is disabled.
3
EAREF
By setting the voltage at this pin is possible to select the internal/external reference
and the switching frequency:
VEAREF 0-80% of VCCDR -> External Reference/FSW = 250KHz
VEAREF = 80% - 95% of VCCDR -> VREF = 0.6V/FSW = 500KHz
VEAREF = 95% - 100% of VCCDR ->VREF = 0.6V/FSW = 250KHz
An internal clamp limits the maximum VEAREF at 2.5V (typ.). The device captures the
analog value present at this pin at the start-up when VCC meets the UVLO threshold.
4OCL
A resistor connected from this pin to ground sets the valley- current-limit. The valley
current is sensed through the low-side MOSFET(s). The internal current generator
sources a current of 100
µA (I
OCL) from this pin to ground through the external resistor
(ROCL). The over-current threshold is given by the following equation:
1
2
3
4
5
6
11
12
SO16N
13
14
15
16
EAREF
HGATE
OCL
SS/INH
COMP
OCH
FB
SYNCH/NC
LGATE
PHASE
PGOOD/NC
7
10
SGND
VCC
VCCDR
BOOT
8
9
PGND
DSonLS
R
2
OCL
R
OCL
I
VALLEY
I
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com