Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6725 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6725
Description  Voltage mode PWM controller with bootstrap anti-discharging system
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6725_07 Datasheet HTML 6Page - STMicroelectronics L6725_07 Datasheet HTML 7Page - STMicroelectronics L6725_07 Datasheet HTML 8Page - STMicroelectronics L6725_07 Datasheet HTML 9Page - STMicroelectronics L6725_07 Datasheet HTML 10Page - STMicroelectronics L6725_07 Datasheet HTML 11Page - STMicroelectronics L6725_07 Datasheet HTML 12Page - STMicroelectronics L6725_07 Datasheet HTML 13Page - STMicroelectronics L6725_07 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
L6725 - L6725A
Device description
10/32
5
Device description
The controller provides complete control logic and protection for flexible and cost-effective DC-
DC converters. It is designed to drive N-Channel MOSFETs in a synchronous rectified buck
topology. The output voltage of the converter can be precisely regulated down to 600mV with a
maximum tolerance of ±0.8%, when the internal reference is used. The device allows also
using an external reference (0V to 2.5V) for the regulation. The device provides voltage-mode
control. The switching frequency can be set at two different values: 250KHz or 500KHz. The
error amplifier features a 10MHz gain-bandwidth-product and 5V/
µs slew-rate that permits to
realize high converter bandwidth for fast transient response. The PWM duty cycle can range
from 0% to 100%. The device protects against over current conditions providing a constant-
current-protection during the soft-start phase and entering in HICCUP mode in all the other
conditions. The device monitors the current by using the RDS(ON) of both the high-side and low-
side MOSFET(s), eliminating the need for a current sensing resistor and guaranteeing an
effective over-current-protection in all the application conditions. Other features are over-
voltage-protection and thermal shutdown. The device is available in SO16N package.
5.1
Oscillator
The switching frequency can be fixed to two values: 250KHz or 500KHz by setting the proper
voltage at the EAREF pin (see Table 4. Pins function and section 4.3 Internal and external
reference).
5.2
Internal LDO
An internal LDO supplies the internal circuitry of the device. The input of this stage is the VCC
pin and the output (5V) is the VCCDR pin. The LDO can be by-passed, providing directly a 5V
voltage to VCCDR. In this case VCC and VCCDR pins must be shorted together as shown in
Figure 3. VCCDR pin must be filtered with a 1uF capacitor to sustain the internal LDO during the
recharge of the bootstrap capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com