Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6725 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6725
Description  Voltage mode PWM controller with bootstrap anti-discharging system
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6725_07 Datasheet HTML 3Page - STMicroelectronics L6725_07 Datasheet HTML 4Page - STMicroelectronics L6725_07 Datasheet HTML 5Page - STMicroelectronics L6725_07 Datasheet HTML 6Page - STMicroelectronics L6725_07 Datasheet HTML 7Page - STMicroelectronics L6725_07 Datasheet HTML 8Page - STMicroelectronics L6725_07 Datasheet HTML 9Page - STMicroelectronics L6725_07 Datasheet HTML 10Page - STMicroelectronics L6725_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
L6725 - L6725A
Pin connections and functions
7/32
Pin n°
Name
Function
5OCH
A resistor connected from this pin and the high-side MOSFET(s) drain sets the peak-
current-limit. The peak current is sensed through the high-side MOSFET(s). The
internal 100
µA current generator (IOCH) sinks a current from the drain through the
external resistor (ROCH). The over-current threshold is given by the following
equation:
6
PHASE
This pin is connected to the source of the high-side MOSFET(s) and provides the
return path for the high-side driver. This pin monitors the drop across both the upper
and lower MOSFET(s) for the current limit together with OCH and OCL.
7
HGATE
This pin is connected to the high-side MOSFET(s) gate.
8BOOT
Through this pin is supplied the high-side driver. Connect a capacitor from this pin to
the PHASE pin and a diode from VCCDR to this pin (cathode versus BOOT).
9PGND
This pin has to be connected closely to the low-side MOSFET(s) source in order to
reduce the noise injection into the device.
10
LGATE
This pin is connected to the low-side MOSFET(s) gate.
11
VCCDR
5V internally regulated voltage. It is used to supply the internal drivers. Filter it to
ground with a 1uF ceramic cap.
12
VCC
Supply voltage pin. The operative supply voltage range is from 4.5V to 14V.
13
PGOOD
(L6725A)
N.C.
(L6725)
In L6725 this pin is N.C. With L6725A this pin is an open collector output and it is
pulled low if the output voltage is not
within the specified thresholds (90%-110%). If not used it may be left floating. Pull-up
this pin to VCCDR with a 10K resistor to obtain a logical signal.
14
SYNCH
(L6725A)
N.C.
(L6725)
In L6725 this pin is N.C. With L6725A it is a Master-Slave pin. Two or more devices
can be synchronized by simply
connecting the SYNCH pins together. The device operating with the highest FSW will
be the Master. The Slave devices will operate with 180° phase shift from the Master.
The best way to synchronize devices together is to set their FSW at the same value. If
it is not used the SYNCH pin can be left floating.
15
SGND
All the internal references are referred to this pin.
16
FB
This pin is connected to the error amplifier inverting input. Connect it to VOUT through
the compensation network. This pin is also used to sense the output voltage in order
to manage the over voltage protection.
Table 4.
Pin functions
DSonHS
R
OCH
R
OCH
I
PEAK
I
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com