Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF51XX Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM8AF51XX
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF51XX Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM8AF51XX Datasheet HTML 63Page - STMicroelectronics STM8AF51XX Datasheet HTML 64Page - STMicroelectronics STM8AF51XX Datasheet HTML 65Page - STMicroelectronics STM8AF51XX Datasheet HTML 66Page - STMicroelectronics STM8AF51XX Datasheet HTML 67Page - STMicroelectronics STM8AF51XX Datasheet HTML 68Page - STMicroelectronics STM8AF51XX Datasheet HTML 69Page - STMicroelectronics STM8AF51XX Datasheet HTML 70Page - STMicroelectronics STM8AF51XX Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
STM8AF61xx, STM8AF51xx
Electrical characteristics
67/100
11.3.2
External clock sources and timing characteristics
HSE user external clock
Subject to general operating conditions for VDD and TA.
Figure 17.
HSE external clock source
HSE crystal/ceramic resonator oscillator
The HSE clock can be supplied using a crystal/ceramic resonator oscillator of up to 24 MHz.
All the information given in this paragraph is based on characterization results with specified
typical external components. In the application, the resonator and the load capacitors have
to be placed as close as possible to the oscillator pins in order to minimize output distortion
and start-up stabilization time. Refer to the crystal resonator manufacturer for more details
(frequency, package, accuracy...).
Table 24.
HSE user external clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source
frequency
TA < 105 °C
0(1)
1.
In case of CSS, the external clock must have a frequency above 500 kHz.
24
MHz
TA > 105 °C
0(1)
16
VHSEdHL Comparator hysteresis
0.1 x VDD
V
VHSEH
OSCIN input pin high level
voltage
0.7 x VDD
VDD
V
VHSEL
OSCIN input pin low level
voltage
VSS
0.3 x VDD
ILEAK_HSE
OSCIN input leakage
current
VSS < VIN < VDD
-1
+1
µA
OSCIN
fHSE
External clock
STM8A
source
VHSEL
VHSEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com