Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF51XX Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM8AF51XX
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF51XX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM8AF51XX Datasheet HTML 40Page - STMicroelectronics STM8AF51XX Datasheet HTML 41Page - STMicroelectronics STM8AF51XX Datasheet HTML 42Page - STMicroelectronics STM8AF51XX Datasheet HTML 43Page - STMicroelectronics STM8AF51XX Datasheet HTML 44Page - STMicroelectronics STM8AF51XX Datasheet HTML 45Page - STMicroelectronics STM8AF51XX Datasheet HTML 46Page - STMicroelectronics STM8AF51XX Datasheet HTML 47Page - STMicroelectronics STM8AF51XX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
Register mapping
STM8AF61xx, STM8AF51xx
44/100
00 5320h
TIM3
TIM3_CR1
TIM3 control register 1
00h
00 5321h
TIM3_IER
TIM3 interrupt enable register
00h
00 5322h
TIM3_SR1
TIM3 status register 1
00h
00 5323h
TIM3_SR2
TIM3 status register 2
00h
00 5324h
TIM3_EGR
TIM3 event generation register
00h
00 5325h
TIM3_CCMR1
TIM3 capture/compare mode register 1
00h
00 5326h
TIM3_CCMR2
TIM3 capture/compare mode register 2
00h
00 5327h
TIM3_CCER1
TIM3 capture/compare enable register 1
00h
00 5328h
TIM3_CNTRH
TIM3 counter high
00h
00 5329h
TIM3_CNTRL
TIM3 counter low
00h
00 532Ah
TIM3_PSCR
TIM3 prescaler register
00h
00 532Bh
TIM3_ARRH
TIM3 auto-reload register high
FFh
00 532Ch
TIM3_ARRL
TIM3 auto-reload register low
FFh
00 532Dh
TIM3_CCR1H
TIM3 capture/compare register 1 high
00h
00 532Eh
TIM3_CCR1L
TIM3 capture/compare register 1 low
00h
00 532Fh
TIM3_CCR2H
TIM3 capture/compare register 2 high
00h
00 5330h
TIM3_CCR2L
TIM3 capture/compare register 2 low
00h
00 5331h
to
00 533Fh
Reserved area (15 bytes)
00 5340h
TIM4
TIM4_CR1
TIM4 control register 1
00h
00 5341h
TIM4_IER
TIM4 interrupt enable register
00h
00 5342h
TIM4_SR
TIM4 status register
00h
00 5343h
TIM4_EGR
TIM4 event generation register
00h
00 5344h
TIM4_CNTR
TIM4 counter
00h
00 5345h
TIM4_PSCR
TIM4 prescaler register
00h
00 5346h
TIM4_ARR
TIM4 auto-reload register
FFh
00 5347h
to
00 53FFh
Reserved area (184 bytes)
Table 10.
STM8A general hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com