Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC74WLU04ASR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC74WLU04ASR
Description  CMOS Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WLU04ASR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC74WLU04ASR Datasheet HTML 1Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 2Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 3Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
XC74WLU04ASR
CMOS Logic
INPUT
OUTPUT
A
Y
H
L
L
H
PARAMETER
SYMBOL
RATINGS
UNITS
Supply Voltage
VCC
-0.5~+6.0
V
Input Voltage
VIN
-0.5~+6.0
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Diode Current
IIK
-20
mA
Output Diode Current
IOK
±
20
mA
Switch Output Current
IOUT
±
25
mA
VCC,GND Current
ICC,IGND
±
50
mA
Power Dissipation (Ta = 25℃)
Pd
300
mW
Storage Temperature Range
Tstg
-65~+150
℃
■
GENERAL DESCRIPTION
XC74WLU04ASR is triple inverter (unbuffered) manufactured using silicon gate CMOS processes. The
small supply current, which is one of the features of the CMOS logic, gives way to high speed operations which
enables LS-TTL.
With wave forming buffers connected internally, stabilized output can be achieved as the series offers high noise
immunity.
As the series is integrated into a mini molded, MSOP-8B package, high density mounting is possible.
■
PIN CONFIGURATION
■
FEATURES
High Speed Operations : tpd = 2.3ns (TYP.) (VCC=5V)
Operating Voltage Range : 2V ~ 5.5V
Low Power Consumption: 1μA (MAX.)@Ta=25℃
CMOS Logic Triple Inverter(Unbufferd)
Small Package
: MSOP-8B
■
FUNCTIONS
■
Applications
●
Palmtops
●
Digital equipment
■
ABSOLUTE MAXIMUM RATINGS
Note : Voltage is all ground standardized.
Ta=-40℃~85℃
H=High level
L=Low level
ETR1327_001


Similar Part No. - XC74WLU04ASR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WLU04ASR TOREX-XC74WLU04ASR Datasheet
119Kb / 3P
CMOS Logic
More results

Similar Description - XC74WLU04ASR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL4066_002 TOREX-XC74UL4066_002 Datasheet
351Kb / 11P
CMOS Logic
XC74WL14AASR_001 TOREX-XC74WL14AASR_001 Datasheet
146Kb / 4P
CMOS Logic
XC74WL32AASR_001 TOREX-XC74WL32AASR_001 Datasheet
145Kb / 4P
CMOS Logic
XC74WL86AASR_001 TOREX-XC74WL86AASR_001 Datasheet
149Kb / 4P
CMOS Logic
XC74WL126ASR_001 TOREX-XC74WL126ASR_001 Datasheet
198Kb / 6P
CMOS Logic
XC74WL240ASR_001 TOREX-XC74WL240ASR_001 Datasheet
199Kb / 6P
CMOS Logic
XC74WL4066SR_001 TOREX-XC74WL4066SR_001 Datasheet
234Kb / 11P
CMOS Logic
XC74WL126ASR TOREX-XC74WL126ASR_12 Datasheet
203Kb / 6P
CMOS Logic
XC74WL240ASR TOREX-XC74WL240ASR_12 Datasheet
204Kb / 6P
CMOS Logic
XC74WL241ASR TOREX-XC74WL241ASR_12 Datasheet
205Kb / 6P
CMOS Logic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com