Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC74WLU04ASR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC74WLU04ASR
Description  CMOS Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WLU04ASR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC74WLU04ASR Datasheet HTML 1Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 2Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 3Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
XC74WLU04ASR
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
VCC
2~5.5
V
Input Voltage
VIN
0~5.5
V
Output Voltage
VOUT
0~VCC
V
Operating Temperature Range
Topr
-40~+85
℃
Ta=25℃
Ta=-40℃~85℃
PARAMETER
SYMBOL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
MIN.
MAX.
UNITS
2.0
1.70
-
-
1.70
-
3.0
2.40
-
-
2.40
-
VIH
5.5
4.40
-
-
4.40
-
V
2.0
-
-
0.30
-
0.30
3.0
-
-
0.60
-
0.60
Input Voltage
VIL
5.5
-
-
1.10
-
1.10
V
2.0
1.80
2.0
-
1.80
-
3.0
2.70
3.0
-
2.70
-
4.5
VIN=VIH
IOH=-50μA
4.05
4.5
-
4.05
-
3.0
IOH=-4mA
2.58
-
-
2.48
-
VOH
4.5
VIN=GND
IOH=-8mA
3.94
-
-
3.80
-
V
2.0
-
-
0.20
-
0.20
3.0
-
-
0.30
-
0.30
4.5
VIN=VIH
IOL=50μA
-
-
0.45
-
0.45
3.0
IOL=4mA
-
-
0.36
-
0.44
Output Voltage
VOL
4.5
VIN=VCC
IOL=8mA
-
-
0.36
-
0.44
V
Input Current
IIN
0~5.5
VIN=VCC or GND
-0.1
-
0.1
-1
1
μ
A
Static Supply Current
ICC
5.5
VIN=VCC or GND, IOUT=0μA
-
-
1
-
10
μ
A
Ta=25℃
Ta=-40℃~85℃
PARAMETER
SYMBOL
CL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
MIN.
MAX.
UNITS
3.3
-
2.80
7.1
1.0
8.5
15pF
5.0
-
2.40
5.5
1.0
6.0
ns
3.3
-
4.50
10.6
1.0
12.0
tPLH
50pF
5.0
-
3.60
7.0
1.0
8.0
ns
3.3
-
2.70
7.1
1.0
8.5
15pF
5.0
-
2.20
5.5
1.0
6.0
ns
3.3
-
4.2
10.6
1.0
12.0
Delay Time
TPHL
50pF
5.0
-
3.5
7.0
1.0
8.0
ns
Input Capacitance
CIN
-
5.0
VIN=VCC or GND
-
2
10
-
10
pF
Power Dissipation
Capacitance
Cpd
No Load, f=1MHz
-
10
-
-
-
pF
■
RECOMMENDED OPERATING CONDITIONS
■
DC ELECTRICAL CHARACTERISTICS
■
SWITCHING ELECTRICAL CHARACTERISTICS
(tr=tf=3ns)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com