Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC74WLU04ASR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC74WLU04ASR
Description  CMOS Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WLU04ASR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC74WLU04ASR Datasheet HTML 1Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 2Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 3Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
XC74WLU04ASR
Ta=25℃
PARAMETER
SYMBOL
CL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Non Functional Output Maximum Dynamic VOL
VOLP
50pF
5.0
-
0.3
0.8
V
Non Functional Output Minimum Dynamic VOL
VOLV
50pF
5.0
-0.8
-0.3
-
V
Minimum Dynamic VIH
VIHD
50pF
5.0
-
-
3.5
V
Maximum Dynamic VIL
VILD
50pF
5.0
-
-
1.5
V
■
TEST CIRCUIT
(tr=tf=3ns)
■
WAVEFORM
■
NOISE CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com