Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA529 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA529_07 Datasheet HTML 14Page - STMicroelectronics STA529_07 Datasheet HTML 15Page - STMicroelectronics STA529_07 Datasheet HTML 16Page - STMicroelectronics STA529_07 Datasheet HTML 17Page - STMicroelectronics STA529_07 Datasheet HTML 18Page - STMicroelectronics STA529_07 Datasheet HTML 19Page - STMicroelectronics STA529_07 Datasheet HTML 20Page - STMicroelectronics STA529_07 Datasheet HTML 21Page - STMicroelectronics STA529_07 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
PLL
STA529
18/58
5.1
Functional description
Phase/frequency detector
The phase/frequency detector (PFD) compares the phase difference between the
corresponding rising edges of INFIN and FBCLK, (clock output from the loop frequency
divider) by generating voltage pulses with widths proportional to the input phase error.
Charge pump and loop filter
This block converts the voltage pulses from the phase/frequency detector to current pulses
which charge the loop filter and generate the control voltage for the voltage-controlled
oscillator. The loop filter is placed external to the PLL on pin FILT.
Voltage controlled oscillator
The voltage controlled oscillator (VCO) is the oscillator inside the PLL. It produces a
frequency output (FVCO) proportional to the input control voltage.
Input frequency divider
This frequency divider divides the PLL input clock CLKIN by a factor called the input division
factor (IDF) to generate the PFD input frequency INFIN.
Loop frequency divider
This frequency divider is present within the PLL for dividing FVCO by a factor called the loop
division factor (LDF). The output of this block is the FBCLK.
Output frequency divider
The PLL output PHI is generated by dividing the FVCO by the output division factor (ODF).
The divider that divides the FVCO to generate the clock to the core is called the output
frequency divider. In the STA529, the ODF is fixed to be divisible by 2 and cannot be
configured.
Lock-detect circuit
The output of this block (the LOCKP signal) is asserted high when the PLL enters the state
of COARSE LOCK in which the output frequency is within +/-10% (approximately) of the
desired frequency. The LOCKP signal is refreshed every 32 cycles of the INFIN. The
generated value is based on the result of comparing the number of FBCLK cycles in a
window of 14 INFIN cycles. The different cases generated after comparison are as follows.
●
If LOCKP is already at 0, then in the next refresh cycle LOCKP goes to 1 if the number
of FBCLK cycles in the 14-cycle INFIN window is 13, 14, or 15. Otherwise LOCKP
stays at 0.
●
If LOCKP is already at 1, then in the next refresh cycle LOCKP goes to 0 if the number
of FBCLK cycles in the 25-cycle INFIN window is less than 11 or higher than 17,
otherwise LOCKP stays at 1.
●
If LOCKP is already at 1 and CLKIN is lost (no longer present on the input pin), LOCKP
stays at 1. In this case, the PLL is unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com