Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA529 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA529_07 Datasheet HTML 43Page - STMicroelectronics STA529_07 Datasheet HTML 44Page - STMicroelectronics STA529_07 Datasheet HTML 45Page - STMicroelectronics STA529_07 Datasheet HTML 46Page - STMicroelectronics STA529_07 Datasheet HTML 47Page - STMicroelectronics STA529_07 Datasheet HTML 48Page - STMicroelectronics STA529_07 Datasheet HTML 49Page - STMicroelectronics STA529_07 Datasheet HTML 50Page - STMicroelectronics STA529_07 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
STA529
Registers
47/58
PLLPFE
PLL/POP-free configuration register
Address:
0x18
Type:
R/W
Buffer:
No
Reset:
0x00
Description:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PLL_BYP_UNL
BICLK2PLL
PLL_PWDN
PFE1A
PFE1B
PFE2A
PFE2B
RESET_FAULT
7 PLL_BYP_UNL: PLL bypass:
0: PLL is not bypassed (default)
1: PLL is bypassed when not locked
6 BICLK2PLL:
0: default
1: BICLKI is input to PLL
5 PLL_PWDN:
0: default
1: PLL is put in power-down mode
4PFE1A:
0: default
1: POP-free resistances are connected to output 1A
3PFE1B:
0: default
1: POP-free resistances are connected to output 1B
2PFE2A:
0: default
1: POP-free resistances are connected to output 2A
1PFE2B:
0: default
1: POP-free resistances are connected to output 2B
0 RESET_FAULT:
0: default
1: fault signal in the i2c register POWST is reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com