Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA529 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA529_07 Datasheet HTML 21Page - STMicroelectronics STA529_07 Datasheet HTML 22Page - STMicroelectronics STA529_07 Datasheet HTML 23Page - STMicroelectronics STA529_07 Datasheet HTML 24Page - STMicroelectronics STA529_07 Datasheet HTML 25Page - STMicroelectronics STA529_07 Datasheet HTML 26Page - STMicroelectronics STA529_07 Datasheet HTML 27Page - STMicroelectronics STA529_07 Datasheet HTML 28Page - STMicroelectronics STA529_07 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
STA529
Driver configuration
25/58
7
Driver configuration
A driver configuration is available that allows PWM commands to be used on an external
power device. For this purpose, the output serial audio interface is disabled and the
respective pins have an alternative name and new functionality, as shown in Table 15.
The driver configuration is selected with two programmable registers PWMINT1 = 0x93 and
PWMINT2 = 0x81 (see PWMINT1 on page 51 and PWMINT2 on page 51).
7.1
I2S bypass
A configuration is available which allows the bypassing of the I2S input signal straight to the
I2S output signal.
This configuration is set using two programmable registers PWMINT1 = 0x93 and
PWMINT2 = 0x80 (see PWMINT1 on page 51 and PWMINT2 on page 51).
Table 15.
Pin functionality in driver-configuration mode
Pin
Alternative pin name and functionality
BICLKO
PWM1A (external bridge PWM command for output 1A)
LRCLKO
PWM1B (external bridge PWM command for output 1B)
SDATAO
PWM2A (external bridge PWM command for output 2A)
CLKOUT
PWM2B (external bridge PWM command for output 2B)
POWERFAULT
EADP (external audio power-down signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com