Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0U6TR Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 62Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 63Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 64Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 65Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 66Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 67Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 68Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 69Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 159 page
background image
ST7LITE1xB
66/159
DUAL 12-BIT AUTORELOAD TIMER 4 (Cont’d)
– At the second input capture on the falling edge of
the pulse, we assume that the values in the reg-
isters are as follows:
LTICR = LT2
ATICRH = ATH2
ATICRL = ATL2
Hence ATICR2 [11:0] = ATH2 & ATL2
Now pulse width P between first capture and sec-
ond capture will be:
P = decimal (F9 – LT1 + LT2 + 1) * 0.004ms + dec-
imal ((FFF * N) + N + ATICR2 - ATICR1 – 1) * 1ms
where N = No of overflows of 12-bit CNTR1.
Figure 46. Long Range Input Capture Timing Diagram
F9h
00h
LT1
F9h
00h
LT2
ATH1 & ATL1
00h
0h
LT1
ATH1
LT2
ATH2
fOSC/32
TB Counter1
CNTR1
LTIC
LTICR
ATICRH
00h
ATL1
ATL2
ATICRL
ATICR = ATICRH[3:0] & ATICRL[7:0]
_ _ _
_ _ _
_ _ _
_ _ _
_ _ _
_ _ _
ATH2 & ATL2
_ _ _
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com