Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0U6TR Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 72Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 73Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 74Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 75Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 76Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 77Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 78Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 79Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 159 page
background image
ST7LITE1xB
76/159
DUAL 12-BIT AUTORELOAD TIMER 4 (Cont’d)
Bit 1= TRAN2 Transfer enable2
This bit is read/write by software, cleared by hard-
ware after each completed transfer and set by
hardware after reset. It controls the transfers on
CNTR2.
It allows the value of the Preload DCRx registers
to be transferred to the Active DCRx registers after
the next overflow event.
The OPx bits are transferred to the shadow OPx
bits in the same way.
Notes:
1. DCR2/3 transfer will be controlled using this bit
if ENCNTR2 bit is set.
2. This bit must not be reset by software
Bit 0 = TRAN1 Transfer enable 1
This bit is read/write by software, cleared by hard-
ware after each completed transfer and set by
hardware after reset. It controls the transfers on
CNTR1. It allows the value of the Preload DCRx
registers to be transferred to the Active DCRx reg-
isters after the next overflow event.
The OPx bits are transferred to the shadow OPx
bits in the same way.
Notes:
1. DCR0,1 transfers are always controlled using
this bit.
2. DCR2/3 transfer will be controlled using this bit
if ENCNTR2 is reset.
3.This bit must not be reset by software
AUTORELOAD REGISTER2 (ATR2H)
Read / Write
Reset Value: 0000 0000 (00h)
AUTORELOAD REGISTER (ATR2L)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 11:0 = ATR2[11:0] Autoreload Register 2.
This is a 12-bit register which is written by soft-
ware. The ATR2 register value is automatically
loaded into the upcounter CNTR2 when an over-
flow of CNTR2 occurs. The register value is used
to
set
the
PWM2/PWM3
frequency
when
ENCNTR2 is set.
DEAD TIME GENERATOR REGISTER (DTGR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = DTE Dead Time Enable
This bit is read/write by software. It enables a dead
time generation on PWM0/PWM1.
0: No Dead time insertion.
1: Dead time insertion enabled.
Bits 6:0 = DT[6:0] Dead Time Value
These bits are read/write by software. They define
the dead time inserted between PWM0/PWM1.
Dead time is calculated as follows:
Dead Time = DT[6:0] x Tcounter1
Note:
1. If DTE is set and DT[6:0]=0, PWM output sig-
nals will be at their reset state.
15
8
0
0
0
0
ATR11 ATR10
ATR9
ATR8
70
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
70
DTE
DT6
DT5
DT4
DT3
DT2
DT1
DT0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com