Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0U6TR Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 70Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 71Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 72Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 73Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 74Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 75Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 76Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 77Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 159 page
background image
ST7LITE1xB
74/159
DUAL 12-BIT AUTORELOAD TIMER 4 (Cont’d)
BREAK CONTROL REGISTER (BREAKCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = BRSEL Break Input Selection
This bit is read/write by software and cleared by
hardware after reset. It selects the active Break
signal from external BREAK pin and the output of
the comparator.
0: External BREAK pin is selected for break mode.
1: Comparator output is selected for break mode.
Bit 6 = BREDGE Break Input Edge Selection
This bit is read/write by software and cleared by
hardware after reset. It selects the active level of
Break signal.
0: Low level of Break selected as active level.
1: High level of Break selected as active level.
Bit 5 = BA Break Active.
This bit is read/write by software, cleared by hard-
ware after reset and set by hardware when the ac-
tive level defined by the BREDGE bit is applied on
the BREAK pin. It activates/deactivates the Break
function.
0: Break not active
1: Break active
Bit 4 = BPEN Break Pin Enable.
This bit is read/write by software and cleared by
hardware after Reset.
0: Break pin disabled
1: Break pin enabled
Bits 3:0 = PWM[3:0] Break Pattern.
These bits are read/write by software and cleared
by hardware after a reset. They are used to force
the four PWMx output signals into a stable state
when the Break function is active and correspond-
ing OEx bit is set.
PWMx DUTY CYCLE REGISTER HIGH (DCRxH)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved.
PWMx DUTY CYCLE REGISTER LOW (DCRxL)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 11:0 = DCRx[11:0] PWMx Duty Cycle Value
This 12-bit value is written by software. It defines
the duty cycle of the corresponding PWM output
signal (see Figure 4).
In PWM mode (OEx=1 in the PWMCR register)
the DCR[11:0] bits define the duty cycle of the
PWMx output signal (see Figure 4). In Output
Compare mode, they define the value to be com-
pared with the 12-bit upcounter value.
INPUT CAPTURE REGISTER HIGH (ATICRH)
Read only
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved.
INPUT CAPTURE REGISTER LOW (ATICRL)
Read only
Reset Value: 0000 0000 (00h)
70
BRSEL BREDGE
BA
BPEN
PWM3
PWM2
PWM1 PWM0
15
8
0
0
0
0
DCR11 DCR10 DCR9
DCR8
70
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0
15
8
0
0
0
0
ICR11 ICR10
ICR9
ICR8
70
ICR7
ICR6
ICR5
ICR4
ICR3
ICR2
ICR1
ICR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com