Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8058 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA8058
Description  Teseo??high performance GPS multi chip module (MCM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8058 Datasheet(HTML) 1 Page - STMicroelectronics

  STA8058 Datasheet HTML 1Page - STMicroelectronics STA8058 Datasheet HTML 2Page - STMicroelectronics STA8058 Datasheet HTML 3Page - STMicroelectronics STA8058 Datasheet HTML 4Page - STMicroelectronics STA8058 Datasheet HTML 5Page - STMicroelectronics STA8058 Datasheet HTML 6Page - STMicroelectronics STA8058 Datasheet HTML 7Page - STMicroelectronics STA8058 Datasheet HTML 8Page - STMicroelectronics STA8058 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2007
Rev 1
1/14
14
STA8058
Teseo™
high performance GPS multi chip module (MCM)
Features
GPS Multi Chip Module:
– STA2058 Teseo Baseband
– STA5620 RF Front-end
Complete Embedded Memory System:
– Flash 256K+16K bytes
– RAM 64K bytes.
66-MHz ARM7TDMI 32 bit processor
High performance GPS engine (HPGPS)
SBAS (WAAS and EGNOS) supported
Sensitivity (-146dBm acquisition, -159dBm
tracking)
Time to first fix (1s reacquisition, 2.5s hot start,
34s warm start, 39s cold start)
Accuracy (2m autonomous)
Extensive GPS receiver interfaces: 32 GPIOs,
4 UARTs, 2 SPIs, 2 I2Cs, 1CANs 2.0,
1 USB 1.1, 1 HDLC and 4 channels ADC
Compatible with L1 Signal (C/A code)
ST Proprietary Technology
– CMOS Flash Embebbed technology for
STA2058
– BiCMOS Sige technology for STA5620
LFBGA104 lead-free package
-40°C to 85°C operating temperature range
Evaluation kits
STA8058 module reference designs
(17x19mm and 25x25mm)
Evaluation board hosting STA8058 module
Description
STA8058 Teseo MCM is a fully embedded GPS
engine integrating STA2058 Teseo baseband. and
STA5620 RF front-end. The embedded flash
memory enables the equipment manufacturer to
load the entire GPS software (including tracking,
acquisition, navigation and data output) after
customising its interfaces to his needs.
A standard GPS library is available from ST. By
combining the ARM7TDMI microcontroller core
with on-chip FLASH/RAM, 16-channel GPS
correlator DSP, RF Front-end and an extensive
range of interfaces on single package solution,
the STA8058 provides a highly-flexible and cost-
effective solution for GPS applications.
LFBGA104 (7x11x1.4mm)
Table 1.
Device summary
Order code
Package
Packing
STA8058
LFBGA104 (7x11x1.4mm)
Tray
www.st.com


Similar Part No. - STA8058

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA801 SANKEN-STA801 Datasheet
82Kb / 6P
2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
2-Output Separate Excitation Step-down Switching Mode
STA802M SANKEN-STA802M Datasheet
82Kb / 6P
2-Output Separate Excitation Switching Type
logo
STMicroelectronics
STA8088EXG STMICROELECTRONICS-STA8088EXG Datasheet
243Kb / 24P
Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
26-Mar-2012
More results

Similar Description - STA8058

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA2058 STMICROELECTRONICS-STA2058 Datasheet
273Kb / 20P
Teseo GPS Platform high-sensitivity baseband
25-Jun-2007
logo
Austin Semiconductor
AS8FLC1M32 AUSTIN-AS8FLC1M32 Datasheet
302Kb / 27P
Hermetic, Multi-Chip Module (MCM) 32Mb, 1M x 32, 3.0Volt Boot Block FLASH Array
AS8FLC2M32 AUSTIN-AS8FLC2M32 Datasheet
415Kb / 29P
Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
logo
RFHIC
GLM0921-L RFHIC-GLM0921-L Datasheet
165Kb / 2P
MCM Linear High Gain Linearity Module
logo
STMicroelectronics
STA2058EXA STMICROELECTRONICS-STA2058EXA Datasheet
261Kb / 20P
TESEO™ GPS platform high-sensitivity baseband
19-Mar-2009
logo
Maxtena Inc.
M1516HCT-22-P MAXTENA-M1516HCT-22-P Datasheet
309Kb / 2P
HIGH PERFORMANCE GPS GLONASS ANTENNA
REV A
M1575HCT-22-P MAXTENA-M1575HCT-22-P Datasheet
298Kb / 1P
HIGH PERFORMANCE PASSIVE GPS ANTENNA
REV 0
M1575HCT-22P-MR MAXTENA-M1575HCT-22P-MR Datasheet
297Kb / 2P
HIGH PERFORMANCE PASSIVE GPS ANTENNA
Rev 1.0
M1575HCT-22P-SMA MAXTENA-M1575HCT-22P-SMA Datasheet
314Kb / 2P
HIGH PERFORMANCE PASSIVE GPS ANTENNA
Rev 1.0
M1575HCT-A-SMA MAXTENA-M1575HCT-A-SMA Datasheet
256Kb / 1P
HIGH PERFORMANCE ACTIVE GPS ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com