Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8058 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA8058
Description  Teseo??high performance GPS multi chip module (MCM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8058 Datasheet(HTML) 3 Page - STMicroelectronics

  STA8058 Datasheet HTML 1Page - STMicroelectronics STA8058 Datasheet HTML 2Page - STMicroelectronics STA8058 Datasheet HTML 3Page - STMicroelectronics STA8058 Datasheet HTML 4Page - STMicroelectronics STA8058 Datasheet HTML 5Page - STMicroelectronics STA8058 Datasheet HTML 6Page - STMicroelectronics STA8058 Datasheet HTML 7Page - STMicroelectronics STA8058 Datasheet HTML 8Page - STMicroelectronics STA8058 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STA8058
Features summary
3/14
1
Features summary
●
ARM7TDMI 16/32 bit RISC CPU based host microcontroller running at a frequency up
to 66 MHz.
●
Complete Embedded Memory System:
–
FLASH 256K bytes + 16K bytes (100K erasing/programming cycles)
–
RAM 64K bytes.
●
16 channel High performance GPS correlation DSP.
●
ST Propietary Technology:
–
CMOS Flash Embedded Technology for Baseband
–
BiCMOS Sige for Radio Front-end
●
SBAS (WAAS and EGNOS) supported.
●
-40°C to 85°C operating temperature range.
●
104-pin LFBGA104 package.
●
Power Supply:
–
3.0V to 3.6V operating supply range for Input/Output periphery
–
3.0V to 3.6V operating supply range for A/D Converter reference
–
1.8V operating supply range for core supply provided by internal Voltage
Regulator with external stabilization capacitor or by external supply voltage
–
2.4V to 3V operating supply range for RF Front-end section
●
Reset and Clock Control Unit able to provide low power modes (WAIT, SLOW, STOP,
STANDBY) and to generate the internal clock from the external reference through
integrated PLL.
●
32 programmable General Purpose I/O, each pin programmable independently as
digital input or digital output; 30 are multiplexed with peripheral functions; 16 can
generate an interrupt on input level/transition.
●
Real time clock module with 32KHz low power oscillator and separate power supply to
continue running during stand-by mode.
●
16-bit Watchdog Timer with 8 bits prescaler for system reliability and integrity.
●
One CAN module compliant with the CAN specification V2.0 part B (active) and bit rate
can be programmed up to 1 MBaud.
●
Four 16-bit programmable Timers with 7 bit prescaler, up to two input capture/output
compare, one pulse counter function, one PWM channel with selectable frequency
each.
●
4 channels 12-bit sigma-delta Analog to Digital Converter, single channel or multi
channel conversion modes, single-shot or continuous conversion modes, sample rate 1
KHz, conversion range 0-2.5V.
●
Three Serial Communication Interfaces (UART) allow full duplex, asynchronous,
communications with external devices, independently programmable TX and RX baud
rates up to 625K baud.
●
One UART adapted to suit Smart Card interface needs, for asynchronous SC as
defined by ISO 7816-3. It includes SC clock generation.
●
Two Serial Peripheral Interfaces (SPI) allow full duplex, synchronous communications
with external devices, master or slave operation, max baud rate of 5.5Mb/s. One SPI
may be used as Multimedia Card interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com