Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN8810S12 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STN8810S12
Description  STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810S12 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STN8810S12 Datasheet HTML 7Page - STMicroelectronics STN8810S12 Datasheet HTML 8Page - STMicroelectronics STN8810S12 Datasheet HTML 9Page - STMicroelectronics STN8810S12 Datasheet HTML 10Page - STMicroelectronics STN8810S12 Datasheet HTML 11Page - STMicroelectronics STN8810S12 Datasheet HTML 12Page - STMicroelectronics STN8810S12 Datasheet HTML 13Page - STMicroelectronics STN8810S12 Datasheet HTML 14Page - STMicroelectronics STN8810S12 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STn8810 architecture overview
STn8810S12
10/16
2
STn8810 architecture overview
The STn8810 platform comprises an industry-standard ARM CPU supported by smart
audio and video accelerators, on-chip memory and controllers, a rich set of peripheral
interfaces, and a power management system. The processors, controllers, memory and
peripheral interfaces are connected by a multi-layer advanced microcontroller bus
architecture (AMBA) for efficient data transport between the components.
The overall STn8810 architecture is illustrated in
Figure 3.
Figure 3.
STn8810 block diagram
DDR-
control
NOR
control
Watchdog
ARM926EJ
Timers (x8)
Vector
interrupt
LCD
controller
32 kHz
40 Kbytes
System
13/19.2 MHz
RTC
PWL
SD/MMC
FIrDA
UART (x3)
SSP
I²C interface
96 GPIOs
Flash
memory
I/D cache
ETM/JTAG
eSRAM
interface
Trace
JTAG
LCD panel
(STN/TFT/module)
SDRAM
NAND
MSP (x3)
Smart video
accelerator
Boot ROM
32 Kbytes
MDIF
controller
eROM
64 Kbytes
eRAM
16 Kbytes
secured
secured
USB-OTG
Security
toolbox
Power
Secure
Camera
(parallel or
Backup
RAM 1 KB
controller
control
watchdog
PLL
CPU/buses/peripherals
manager
(x2)
interface
RTT
Interconnect (data/instruction, memory/peripherals)
Clocks
Smart audio
accelerator
serial)
TV
output
32/16 Kbytes
HPI
HSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com