Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN8810S12 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STN8810S12
Description  STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810S12 Datasheet(HTML) 5 Page - STMicroelectronics

  STN8810S12 Datasheet HTML 1Page - STMicroelectronics STN8810S12 Datasheet HTML 2Page - STMicroelectronics STN8810S12 Datasheet HTML 3Page - STMicroelectronics STN8810S12 Datasheet HTML 4Page - STMicroelectronics STN8810S12 Datasheet HTML 5Page - STMicroelectronics STN8810S12 Datasheet HTML 6Page - STMicroelectronics STN8810S12 Datasheet HTML 7Page - STMicroelectronics STN8810S12 Datasheet HTML 8Page - STMicroelectronics STN8810S12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STn8810S12 general description
STn8810S12
4/16
1.1
Key benefits
The STn8810S12 brings the following key benefits to mobile manufacturers and consumers:
●
Unsurpassed audio and video quality,
●
Ultra-low power consumption for longer battery operation,
●
Easier application development for shorter time-to-market,
●
Scalability for multiple market segments and future multimedia applications,
●
Ultra-integrated system package.
1.2
Main features
The STn8810S12 system-in-package enables compelling multimedia applications by means
of its unique distributed-processing architecture. The application processor features low-
power smart accelerators which handle all audio and video functions. These free the main
CPU for control and program flow tasks, or allow the CPU to enter power-saving modes to
prolong battery life. The smart accelerators operate independently and concurrently to
ensure the lowest absolute system power and deterministic high-performance. The
STn8810S12 incorporates additional memory in a much reduced area using advanced
packaging processes.
The main features of the system are:
●
A smart video accelerator for VGA video encoding and decoding, with camera
interfaces,
●
A smart audio accelerator containing a comprehensive set of digital audio decoders
and encoders, and offering a large number of 3-D surround effects,
●
A power management unit which offers a number of power saving modes,
●
The ARM926EJ processor, a powerful industry-standard CPU,
●
Self-contained memory resources:
–
Processor on-chip ROM and SRAM memory devices,
–
1-Gbit NAND Flash memory,
–
512-Mbit DDR mobile RAM.
●
Advanced security framework for authentication and digital rights management,
●
Multichannel DMA controller for efficient data transfer without CPU intervention,
●
A multi-layer AMBA crossbar interconnect for optimized data transfers between the
CPU, accelerators, memory devices and peripherals,
●
A wide range of peripheral interfaces (GPIO, USB-OTG, UART, I²C, FIrDA, SD/MMC,
serial ports, color LCD and camera interfaces),
●
Minimal support for high-level operating system such as Symbian™, Linux and
WinCE® operating systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17