Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN8810S12 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STN8810S12
Description  STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810S12 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STN8810S12 Datasheet HTML 9Page - STMicroelectronics STN8810S12 Datasheet HTML 10Page - STMicroelectronics STN8810S12 Datasheet HTML 11Page - STMicroelectronics STN8810S12 Datasheet HTML 12Page - STMicroelectronics STN8810S12 Datasheet HTML 13Page - STMicroelectronics STN8810S12 Datasheet HTML 14Page - STMicroelectronics STN8810S12 Datasheet HTML 15Page - STMicroelectronics STN8810S12 Datasheet HTML 16Page - STMicroelectronics STN8810S12 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
STn8810S12
Package mechanical data
13/16
4
Package mechanical data
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect . The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Table 1.
Package dimensions
Databook (mm)
Drawing (mm)
Ref.
Min
Typ
Max
Min
Typ
Max
A (1)
1.
LFBGA stands for low profile fine pitch ball grid array.
- Thin profile: The total profile height (Dim A) is measured from the seating plane to the top of the
component.
- Low profile 1.20 <= A < 1.70 mm
- Fine pitch: e < 1.00mm pitch.
1.40
1.34
A1
0.15
0.16
0.21
0.26
A2
1.08
1.01
1.065
1.12
A3
0.28
0.24
0.28
0.32
A4
0.80
0.77
0.785
0.80
b (2)
2.
The typical ball diameter before mounting is 0.30mm.
0.25
0.30
0.35
0.25
0.30
0.35
D
13.85
14.00
14.15
13.90
14.00
14.10
D1
12.50
12.50
E
13.85
14.00
14.15
13.90
14.00
14.10
E1
12.50
12.50
e0.50
0.50
F0.75
0.75
ddd
0.08
0.10
eee (3)
3.
The tolerance of position that controls the location of the pattern of balls with respect to datums A and B.
For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and located on true
position with respect to datums A and B as defined by e. The axis perpendicular to datum C of each ball
must lie within this tolerance zone.
0.15
0.15
fff (4)
4.
The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position
as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone. Each
tolerance zone fff in the array is contained entirely in the respective zone eee above. The axis of each ball
must lie simultaneously in both tolerance zones.
0.05
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com