Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPR320 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPR320
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR320 Datasheet(HTML) 1 Page - STMicroelectronics

  STPR320 Datasheet HTML 1Page - STMicroelectronics STPR320 Datasheet HTML 2Page - STMicroelectronics STPR320 Datasheet HTML 3Page - STMicroelectronics STPR320 Datasheet HTML 4Page - STMicroelectronics STPR320 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPR320
®
October 1999- Ed:1A
ULTRA-FAST RECOVERY RECTIFIER DIODES
SUITED FOR SMPS
LOW LOSSES
LOW FORWARD AND REVERSE RECOVERY
TIME
HIGH SURGE CURRENT CAPABILITY
FEATURES
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(AV)
Average forward current
Tl=60
°C
δ = 0.5
3A
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
30
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE MAXIMUM (limiting values)
Low cost single chip rectifier suited for Switched
Mode Power Supplies and high frequency DC to
DC converters.
Packaged in F126, this device is intended for use
in low voltage, high frequency inverters, free
wheeling and polarity protection applications.
DESCRIPTION
IF(AV)
3A
VRRM
200 V
Tj (max)
150
°C
VF (max)
0.99 V
trr (max)
30 ns
MAIN PRODUCT CHARACTERISTICS
F126
(JEDEC DO-204AC)
1/5


Similar Part No. - STPR320

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
STPR320 BILIN-STPR320 Datasheet
57Kb / 2P
SUPER FAST RECTIFIERS
logo
STMicroelectronics
STPR320D STMICROELECTRONICS-STPR320D Datasheet
84Kb / 6P
ULTRA FAST RECOVERY RECTIFIER DIODES
Feb-1992
STPR320F STMICROELECTRONICS-STPR320F Datasheet
84Kb / 6P
ULTRA FAST RECOVERY RECTIFIER DIODES
Feb-1992
More results

Similar Description - STPR320

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com