Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPR320 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPR320
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR320 Datasheet(HTML) 3 Page - STMicroelectronics

  STPR320 Datasheet HTML 1Page - STMicroelectronics STPR320 Datasheet HTML 2Page - STMicroelectronics STPR320 Datasheet HTML 3Page - STMicroelectronics STPR320 Datasheet HTML 4Page - STMicroelectronics STPR320 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IF(av) (A)
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Rth(j-a)=Rth(j-l)
Rth( j-a)=90 C/w *
T
=tp /T
tp
=0.5
o
Fig.
3:
Average
current
versus
ambient
temperature (
δ : 0.5)
* circuit board e (Cu) = 35
µm, S (cu) = 12mm2
L(LEADS ) = 20mm
IM(A)
0.001
0.01
0.1
1
10
0
2
4
6
8
10
12
14
16
18
20
Tl=60 C
Tl=25 C
IM
=0.5
t(s)
o
o
Fig. 4: Non repetitive surge peak forward current
versus overload duration (maximum values).
K=Zth(j-l)/Rth(j-l)
0.001
0.01
0.1
1
10
0.01
0.1
1
SINGLE PULSE
=0.5
=0.2
=0.1
T
=tp/T
tp
tp(s)
Fig. 5: Relative variation of thermal transient
impedance junction to case versus pulse duration.
Fig. 6: Forward voltage drop versus forward
current (maximum values).
Fig. 8: Recovery charges versus dIF/dt.
H
Fig 7: Junction capacitance versus reverse
voltage applied (typical values).
STPR320
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com