Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPR320 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPR320
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR320 Datasheet(HTML) 2 Page - STMicroelectronics

  STPR320 Datasheet HTML 1Page - STMicroelectronics STPR320 Datasheet HTML 2Page - STMicroelectronics STPR320 Datasheet HTML 3Page - STMicroelectronics STPR320 Datasheet HTML 4Page - STMicroelectronics STPR320 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
Tj =25
°CVR =VRRM
10
µA
Tj = 100
°C
0.2
0.5
mA
VF**
Forward voltage
drop
Tj = 125
°CIF = 3 A
0.8
0.99
V
Tj = 125
°CIF = 6 A
0.95
1.20
Tj =25
°CIF = 6 A
1.25
Pulse test : * tp = 5 ms,
δ <2 %
** tp = 380
µs, δ <2 %
To evaluate the conduction losses use the following equation :
P = 0.78 x IF(AV) + 0.070 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Test conditions
Min.
Typ.
Max.
Unit
trr
Tj =25
°CIF = 0.5A
IR =1A
Irr = 0.25A
30
ns
tfr
Tj =25
°CIF =3A
VFR = 1.1 x VF max
dIF/dt = 50 A/
µs20
ns
VFP
Tj =25
°CIF =3A
dIF/dt = 50 A/
µs3
V
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction lead (L=5mm)
25
°C/W
THERMAL RESISTANCE
Fig. 2 : Peak current versus form factor.
Fig. 1 : Average forward power dissipation versus
average forward current.
STPR320
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com