Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C32WDW5G Datasheet(PDF) 17 Page - STMicroelectronics

Part # M24C32WDW5G
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32WDW5G Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M24C32WDW5G Datasheet HTML 13Page - STMicroelectronics M24C32WDW5G Datasheet HTML 14Page - STMicroelectronics M24C32WDW5G Datasheet HTML 15Page - STMicroelectronics M24C32WDW5G Datasheet HTML 16Page - STMicroelectronics M24C32WDW5G Datasheet HTML 17Page - STMicroelectronics M24C32WDW5G Datasheet HTML 18Page - STMicroelectronics M24C32WDW5G Datasheet HTML 19Page - STMicroelectronics M24C32WDW5G Datasheet HTML 20Page - STMicroelectronics M24C32WDW5G Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
M24128, M24C64, M24C32
Device operation
17/39
Figure 9.
Write mode sequences with WC = 0 (data write enabled)
4.9
ECC (error correction code) and write cycling
The M24128 and M24C64 in UFDFPN8 (MLP) 2 × 3 mm package and the M24128 in
WLCSP package offer an ECC (error correction code) logic which compares each 4-byte
word with its six associated EEPROM ECC bits. As a result, if a single bit out of 4 bytes of
data happens to be erroneous during a read operation, the ECC detects it and replaces it by
the correct value. The read reliability is therefore much improved by the use of this feature.
Note however that even if a single byte has to be written, 4 bytes are internally modified
(plus the ECC word), that is, the addressed byte is cycled together with the three other bytes
making up the word. It is therefore recommended to write by packets of 4 bytes in order to
benefit from the larger amount of write cycles.
All M24C32, M24C64 and M24128 devices are qualified at 1 million (1 000 000) write
cycles; the M24128 and M24C64 in UFDFPN8 (MLP) 2 × 3 mm package and the M24128 in
WLCSP package are qualified (at 1 million write cycles), using a cycling routine that writes
to the device by multiples of 4-byte words.
Byte Write
Dev Select
Byte address
Byte address
Data in
WC
Page Write
Dev Select
Byte address
Byte address
Data in 1
WC
Data in 2
AI01106d
Page Write
(cont'd)
WC (cont'd)
Data in N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com