Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C32WDW5G Datasheet(PDF) 35 Page - STMicroelectronics

Part # M24C32WDW5G
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32WDW5G Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M24C32WDW5G Datasheet HTML 31Page - STMicroelectronics M24C32WDW5G Datasheet HTML 32Page - STMicroelectronics M24C32WDW5G Datasheet HTML 33Page - STMicroelectronics M24C32WDW5G Datasheet HTML 34Page - STMicroelectronics M24C32WDW5G Datasheet HTML 35Page - STMicroelectronics M24C32WDW5G Datasheet HTML 36Page - STMicroelectronics M24C32WDW5G Datasheet HTML 37Page - STMicroelectronics M24C32WDW5G Datasheet HTML 38Page - STMicroelectronics M24C32WDW5G Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
M24128, M24C64, M24C32
Part numbering
35/39
Table 25.
Available M24C32 products (package, voltage range, temperature grade)
Package
M24C32-F
1.7 V to 5.5 V
M24C32-R
1.8 V to 5.5 V
M24C32-W
2.5 V to 5.5 V
DIP8 (BN)
-
-
Grade6
SO8N (MN)
-
Grade 6
Grade 3
Grade 6
TSSOP8 (DW)
Grade 5
Grade 6
Grade 6
MLP8 (MB)
Grade 5
Grade 6
-
Table 26.
Available M24C64 products (package, voltage range, temperature grade)
Package
M24C64-F
1.7 V to 5.5 V
M24C64-R
1.8 V to 5.5 V
M24C64-W
2.5 V to 5.5 V
DIP8 (BN)
-
-
Grade6
SO8N (MN)
-
Grade 6
Grade 3
Grade 6
TSSOP8 (DW)
Grade 5
Grade 6
Grade 6
MLP8 (MB)
Grade 6
-
-
Table 27.
Available M24128 products (package, voltage range, temperature grade)
Package
M24128-BF
1.7 V to 5.5 V
M24128-BR
1.8 V to 5.5 V
M24128-BW
2.5 V to 5.5 V
DIP8 (BN)
-
-
-
SO8N (MN)
-
Grade 6
Grade 3
Grade 6
TSSOP8 (DW)
-
Grade 6
Grade 6
MLP8 (MB)
Grade 6
-
-
WLCSP (CS)
Grade 6
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com