Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C32WDW5G Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24C32WDW5G
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32WDW5G Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24C32WDW5G Datasheet HTML 29Page - STMicroelectronics M24C32WDW5G Datasheet HTML 30Page - STMicroelectronics M24C32WDW5G Datasheet HTML 31Page - STMicroelectronics M24C32WDW5G Datasheet HTML 32Page - STMicroelectronics M24C32WDW5G Datasheet HTML 33Page - STMicroelectronics M24C32WDW5G Datasheet HTML 34Page - STMicroelectronics M24C32WDW5G Datasheet HTML 35Page - STMicroelectronics M24C32WDW5G Datasheet HTML 36Page - STMicroelectronics M24C32WDW5G Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
M24128, M24C64, M24C32
Package mechanical data
33/39
Figure 18.
M24128 WLCSP, 0.5 mm pitch, package outline
1.
Drawing is not to scale.
Table 23.
M24128 WLCSP, 0.5 mm pitch, package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.585
0.535
0.635
0.0230
0.0211
0.0250
A1
0.230
0.205
0.255
0.0091
0.0081
0.0100
A2
0.355
0.330
0.380
0.0140
0.0130
0.0150
B
0.320
0.290
0.350
0.0126
0.0114
0.0138
D
1.805
1.785
1.825
0.0711
0.0703
0.0719
E
1.400
1.380
1.420
0.0551
0.0543
0.0559
e
0.5
0.0197
e1
0.886
0.0349
e2
0.250
0.0098
e3
0.443
0.0174
F
0.257
0.0101
G
0.4025
0.0158
N(2)
2.
N is the total number of terminals.
8
8
D
E
B
Orientation references
54321
A2
A1
A
e1
F
G
e
e2
A
B
C
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com