Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404848FS Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 31Page - Renesas Technology Corp HD404848FS Datasheet HTML 32Page - Renesas Technology Corp HD404848FS Datasheet HTML 33Page - Renesas Technology Corp HD404848FS Datasheet HTML 34Page - Renesas Technology Corp HD404848FS Datasheet HTML 35Page - Renesas Technology Corp HD404848FS Datasheet HTML 36Page - Renesas Technology Corp HD404848FS Datasheet HTML 37Page - Renesas Technology Corp HD404848FS Datasheet HTML 38Page - Renesas Technology Corp HD404848FS Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 127 page
background image
HD404849 Series
33
but the accuracy of the contents of the accumulator, B register, W register, X/SPX register, Y/SPY register,
carry flag, and serial data register cannot be guaranteed.
,


Stop mode
Oscillator
Internal
clock
STOP instruction execution
tres ≥ tRC (stabilization period)
tres





RESET
or
STOPC
Figure 16 Timing of Stop Mode Cancellation
Watch Mode: In watch mode, the clock function (timer A) using the X1 and X2 oscillator and the LCD
function operate, but other function operations stop. Therefore, the power dissipation in this mode is the
second least to stop mode, and this mode is convenient when only clock display is used. In this mode, the
OSC
1 and OSC2 oscillator stops, but the X1 and X2 oscillator operates. The MCU enters watch mode if the
STOP instruction is executed in active mode when TMA3 = 1, or if the STOP or SBY instruction is
executed in subactive mode.
Watch mode is terminated by a
RESET input or a timer-A/INT
0 interrupt request.
For details of
RESET
input, refer to the Stop Mode section. When terminated by a timer-A/
INT
0 interrupt request, the MCU
enters active mode if LSON = 0, or subactive mode if LSON = 1. After an interrupt request is generated,
the time required to enter active mode is t
RC for a timer A interrupt, and TX (where T + tRC < TX < 2T + tRC)
for an INT
0 interrupt, as shown in figures 17 and 18.
Operation during mode transition is the same as that at standby mode cancellation (figure 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com