| Electronic Components Datasheet Search |
|
HD404848FS Datasheet(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404848FS Datasheet(HTML) 46 Page - Renesas Technology Corp |
|
46 / 127 page ![]() HD404849 Series 44 Input/Output The MCU has 33 input/output pins (D 0–D8, R0–R3, R6, and R7) and two input pins (D10, D11). The features are described below. • Nine pins (D 0–D8) are high-current input/output pins. • The D 10, D11, R00–R02, R1–R3, R6, and R7 input/output pins are multiplexed with peripheral function pins such as for the timers or serial interface. For these pins, the peripheral function setting is done prior to the D or R port setting. Therefore, when a peripheral function is selected for a pin, the pin function and input/output selection are automatically switched according to the setting. • Input or output selection for input/output pins and port or peripheral function selection for multiplexed pins are set by software. • Peripheral function output pins are CMOS output pins. Only the R2 3/SO pin can be set to NMOS open- drain output by software. • In stop mode, the MCU is reset, and therefore peripheral function selection is cancelled. The data control register (DCD, DCR) is also reset, so input/output pins go to the high-impedance state. • Each input/output pin has a built-in pull-up MOS, which can be individually turned on or off by software. I/O buffer configuration is shown in figure 28, programmable I/O circuits are listed in table 23, and I/O pin circuit types are shown in table 24. Table 23 Programmable I/O Circuits MIS3 (bit 3 of MIS) 0 1 DCD, DCR 0 1 0 1 PDR 01010 101 CMOS buffer PMOS ———On — ——On NMOS — — On — — — On — Pull-up MOS ————— On —On Note: — indicates off status. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |