Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404848FS Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 34Page - Renesas Technology Corp HD404848FS Datasheet HTML 35Page - Renesas Technology Corp HD404848FS Datasheet HTML 36Page - Renesas Technology Corp HD404848FS Datasheet HTML 37Page - Renesas Technology Corp HD404848FS Datasheet HTML 38Page - Renesas Technology Corp HD404848FS Datasheet HTML 39Page - Renesas Technology Corp HD404848FS Datasheet HTML 40Page - Renesas Technology Corp HD404848FS Datasheet HTML 41Page - Renesas Technology Corp HD404848FS Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 127 page
background image
HD404849 Series
36
Stop Mode Cancellation by
STOPC : The MCU enters active mode from stop mode by inputting STOPC
or
RESET. In either case, the MCU starts instruction execution from the starting address (address 0) of the
program. However, the value of the RAM enable flag (RAME: $021, bit 3) differs between cancellation by
STOPC and by RESET. When stop mode is cancelled by RESET, RAME = 0; when cancelled by STOPC,
RAME = 1.
RESET can cancel all modes, but STOPC is valid only in stop mode; STOPC input is ignored
in other modes. Therefore, when the program needs to confirm that stop mode has been cancelled by
STOPC (for example, when the RAM contents before entering stop mode are used after transition to active
mode), execute the TEST instruction on the RAM enable flag (RAME) at the beginning of the program.
MCU Operation Sequence: The MCU operates in the sequence shown in figures 20 to 22. It is reset by
an asynchronous
RESET input, regardless of its status.
The low-power mode operation sequence is shown in figure 22. With the IE flag cleared and an interrupt
flag set together with its interrupt mask cleared, if a STOP/SBY instruction is executed, the instruction is
cancelled (regarded as an NOP) and the following instruction is executed. Before executing a STOP/SBY
instruction, make sure all interrupt flags are cleared or all interrupts are masked.
Power on
RESET = 0 ?
RAME = 0
Reset MCU
MCU
operation
cycle
No
Yes
Figure 20 MCU Operating Sequence (Power On)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com