Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M306H2FCFP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M306H2FCFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H2FCFP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M306H2FCFP Datasheet HTML 35Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 36Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 37Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 38Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 39Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 40Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 41Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 42Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 251 page
background image
38
Rev. 1.0
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
with DATA ACQUISITION CONTROLLER
MITSUBISHI MICROCOMPUTERS
M306H2FCFP
2.5.7 Power control
The following is a description of the three available power control modes:
Modes
Power control is available in three modes.
(a) Normal operation mode
• High-speed mode
Divide-by-1 frequency of the main clock becomes the BCLK. The CPU operates with the internal
clock selected. Each peripheral function operates according to its assigned clock.
• Medium-speed mode
Divide-by-2, divide-by-4, divide-by-8, or divide-by-16 frequency of the main clock becomes the
BCLK. The CPU operates according to the internal clock selected. Each peripheral function operates
according to its assigned clock.
• Low-speed mode
fC becomes the BCLK. The CPU operates according to the fc clock. The fc clock is supplied by the
secondary clock. Each peripheral function operates according to its assigned clock.
• Low power dissipation mode
The main clock operating in low-speed mode is stopped. The CPU operates according to the fC
clock. The fc clock is supplied by the secondary clock. The only peripheral functions that operate are
those with the sub-clock selected as the count source.
When in single-chip mode, the device can be operated with a low supply voltage (VCC = 3.0 V) only
during low power dissipation mode. Before entering or exiting low power dissipation mode, always
make sure the supply voltage VCC is 5 V.
Note: When operating with a low supply voltage, be aware that only the CPU, ROM, RAM, input/
output ports, timers (timers A and B), and the interrupt control circuit can be used. All other
internal resources (e.g., data slicer, DMAC, A/D, and D/A) cannot be used.
(b) Wait mode
The CPU operation is stopped. The oscillators do not stop.
(c) Stop mode
The main clock and the sub-clock oscillators stop. The CPU and all built-in peripheral functions stop.
This mode, among the three modes listed here, is the most effective in decreasing power consumption.
Figure 2.5.5 is the state transition diagram of the above modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com