Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M306H2FCFP Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M306H2FCFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H2FCFP Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M306H2FCFP Datasheet HTML 54Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 55Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 56Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 57Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 58Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 59Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 60Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 61Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 251 page
background image
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
with DATA ACQUISITION CONTROLLER
MITSUBISHI MICROCOMPUTERS
57
Rev. 1.0
M306H2FCFP
Interrupt control circuit
Key input interrupt control register
(address 004D16)
Key input interrupt
request
P107/KI3
P106/KI2
P105/KI1
P104/KI0
Port P104-P107 pull-up
select bit
Port P107 direction
register
Pull-up
transistor
Port P107 direction register
Port P106 direction
register
Port P105 direction
register
Port P104 direction
register
Pull-up
transistor
Pull-up
transistor
Pull-up
transistor
Figure 2.7.11 Block diagram of key input interrupt
______
2.7.8 NMI Interrupt
______
______
______
An NMI interrupt is generated when the input to the P85/NMI pin changes from “H” to “L”. The NMI
interrupt is a non-maskable external interrupt. The pin level can be checked in the port P85 register (bit
5 at address 03F016).
This pin cannot be used as a normal port input.
2.7.9 Key Input Interrupt
If the direction register of any of P104 to P107 is set for input and a falling edge is input to that port, a
key input interrupt is generated. A key input interrupt can also be used as a key-on wakeup function for
cancelling the wait mode or stop mode. However, if you intend to use the key input interrupt, do not
use P104 to P107 as A-D input ports. Figure 2.7.11 shows the block diagram of the key input interrupt.
Note that if an “L” level is input to any pin that has not been disabled for input, inputs to the other pins
are not detected as an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com