Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M306H2FCFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M306H2FCFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H2FCFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M306H2FCFP Datasheet HTML 1Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 2Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 3Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 4Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 5Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 6Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 7Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 8Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 251 page
background image
2
Rev. 1.0
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
with DATA ACQUISITION CONTROLLER
MITSUBISHI MICROCOMPUTERS
M306H2FCFP
Table of contents
1. DESCRIPTION ...................................................... 1
1.1 Features ........................................................... 1
1.2 Applications ..................................................... 1
1.3 Pin Configuration ............................................. 3
1.4 Block Diagram ................................................. 4
1.5 Performance Outline ........................................ 5
2. OPERATION OF FUNCTIONAL BLOCKS ............ 9
2.1 Memory ............................................................ 9
2.2 Central Processing Unit (CPU) ........................ 13
2.3 Reset ............................................................... 16
2.4 Processor Mode ............................................... 20
2.5 Clock Generating Circuit .................................. 31
2.6 Protection ......................................................... 40
2.7 Interrupt ........................................................... 41
2.8 Watchdog Timer .............................................. 61
2.9 DMAC .............................................................. 63
2.10 Timer .............................................................. 73
2.11 Serial I/O ........................................................ 91
2.12 A-D Converter ................................................ 132
2.13 D-A Converter ................................................ 142
2.14 CRC Calculation Circuit ................................. 144
2.15 Expansion Function ....................................... 146
2.16 Programmable I/O Ports ................................ 170
3. USAGE PRECAUTION .......................................... 180
4. ELECTRICAL CHARACTERISTICS ...................... 185
5. FLASH MEMORY .................................................. 203
5.1 Outline Performance ........................................ 203
5.2 Flash Memory mode ........................................ 204
5.3 CPU Rewrite Mode .......................................... 205
5.4 Functions To Inhibit Rewriting Flash Memory Version ....... 215
5.5 Parallel I/O Mode ............................................. 217
5.6 Standard serial I/O mode ................................. 218
5.7 Absolute maximum ratings .............................. 246
6. PACKAGE OUTLINE ............................................. 248
7. DIFFERENCES BETWEEN M306H2MC-XXXFP AND M306H2FCFP .... 249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com