Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38C84EB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38C84EB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C84EB Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38C84EB Datasheet HTML 1Page - Renesas Technology Corp M38C84EB Datasheet HTML 2Page - Renesas Technology Corp M38C84EB Datasheet HTML 3Page - Renesas Technology Corp M38C84EB Datasheet HTML 4Page - Renesas Technology Corp M38C84EB Datasheet HTML 5Page - Renesas Technology Corp M38C84EB Datasheet HTML 6Page - Renesas Technology Corp M38C84EB Datasheet HTML 7Page - Renesas Technology Corp M38C84EB Datasheet HTML 8Page - Renesas Technology Corp M38C84EB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
4
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
• Apply voltage of 4.0–5.5 V to VCC, and 0 V to VSS. (at high-speed mode)
• Reset input pin for active “L.”
• Input and output pins for the main clock generating circuit.
• Feedback resistor is built in between XIN pin and XOUT pin.
• Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins to set the
oscillation frequency.
• If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
• This pin determines the oscillation between XIN and XOUT. The oscillation method can be selected from
either by an oscillator or by a resistor.
• Input and output pins for sub-clock generating circuit. (Connect a quartz-crystal oscillator between the
XCIN and XCOUT pins to set the oscillation frequency. The clock generated the externals cannot be input
directly.)
• Reference voltage input pin for LCD.
• The input voltage to this pin is boosted threefold by voltage multiplier.
• LCD drive power source pins.
• LCD common output pins.
• LCD segment/common output pins.
• LCD segment output pins.
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• 4-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• 1-bit input port.
• CMOS compatible input level.
• 7-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• External capacitor connect pins for a voltage multiplier of LCD.
• Non-function pins.
• Leave the VSS (NC) pin open.
• A-D converter analog input pin
• Key-on wake-up interrupt input pin
• A-D converter analog input pin
• External interrupt pin
• External interrupt pin
• A-D trigger input pin
•Timer function I/O pin
• Serial I/O I/O pin
Pin
VCC, VSS
RESET
XIN
XOUT
OSCSEL
XCIN
XCOUT
VLIN
VL1 – VL5
COM0 –
COM15
SEG0/COM16–
SEG7/COM23,
SEG60COM31–
SEG67/COM24
SEG8–SEG59
P00–P07
P14–P17
P10/AIN4–
P13/AIN7
P20–P27
P30/AIN0 –
P33/AIN3
P40/INT0
P41/INT1/ADT
P42/CNTR0/
BEEP+,
P43/CNTR1/
BEEP-
P44/RxD,
P45/TxD,
P46/SCLK,
P47/SRDY
C1,
C2,
C3
VSS (NC), NC
Name
Power source
Reset input
Clock input
Clock output
RC oscillation
select
Sub-clock input
Sub-clock output
Power source
input for LCD
LCD power
source
Common output
Segment output/
Common output
Segment output
I/O port P0
I/O port P1
I/O port P2
I/O port P3
Input port P4
I/O port P4
Voltage multiplier
Function except a port function
PIN DESCRIPTION
Table 1 Pin description
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com