Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38C84EB Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M38C84EB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C84EB Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M38C84EB Datasheet HTML 21Page - Renesas Technology Corp M38C84EB Datasheet HTML 22Page - Renesas Technology Corp M38C84EB Datasheet HTML 23Page - Renesas Technology Corp M38C84EB Datasheet HTML 24Page - Renesas Technology Corp M38C84EB Datasheet HTML 25Page - Renesas Technology Corp M38C84EB Datasheet HTML 26Page - Renesas Technology Corp M38C84EB Datasheet HTML 27Page - Renesas Technology Corp M38C84EB Datasheet HTML 28Page - Renesas Technology Corp M38C84EB Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
24
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
SERIAL I/O
Serial I/O can be used as either clock synchronous or asynchronous
(UART) serial I/O. A dedicated timer (baud rate generator) is also
provided for baud rate generation.
(1) Clock Synchronous Serial I/O Mode
Clock synchronous serial I/O can be selected by setting the mode
selection bit of the serial I/O control register to “1”.
For clock synchronous serial I/O, the transmitter and the receiver
must use the same clock. If an internal clock is used, transfer is started
by a write signal to the transmit/receive buffer registers.
Fig. 20 Block diagram of clock synchronous serial I/O
Fig. 21 Operation of clock synchronous serial I/O function
P46/SCLK
P47/SRDY
P44/RXD
P45/TXD
f(XIN)
1/4
1/4
F/F
Serial I/O status register
Serial I/O control register
Receive buffer register
Address 001816
Receive shift register
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Clock control circuit
Shift clock
Serial I/O
clock selection bit
Frequency division ratio 1/(n+1)
Baud rate generator
Address 001C16
BRG count source selection bit
Clock control circuit
Falling-edge detector
Data bus
Address 001816
Shift clock
Transmit shift register shift completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
Transmit interrupt source selection bit
Address 001916
Data bus
Address 001A16
Transmit buffer register
Transmit shift register
(f(XCIN) in low-speed mode)
Receive enable signal SRDY
D7
D0
D1
D2
D3
D4
D5
D6
RBF = 1
TSC = 1
TBE = 0
TBE = 1
TSC = 0
Transmit/receive shift clock
(1/2 to 1/2048 of internal clock,
or an external clock)
Serial output TXD
Serial input RXD
Write signal to receive/transmit
buffer register (address 001816)
Overrun error (OE)
detection
Notes 1: The transmit interrupt (TI) can be selected to occur either when the transmit buffer register has emptied (TBE=1) or after
the transmit shift operation has ended (TSC=1), by setting the transmit interrupt source selection bit (TIC) of the serial
I/O control register.
2: If data is written to the transmit buffer register when TSC=0, the transmit clock is generated continuously and serial data
is output continuously from the TXD pin.
3: The receive interrupt (RI) is set when the receive buffer full flag (RBF) becomes “1” .
D7
D0
D1
D2
D3
D4
D5
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com