Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38C84EB Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M38C84EB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C84EB Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M38C84EB Datasheet HTML 19Page - Renesas Technology Corp M38C84EB Datasheet HTML 20Page - Renesas Technology Corp M38C84EB Datasheet HTML 21Page - Renesas Technology Corp M38C84EB Datasheet HTML 22Page - Renesas Technology Corp M38C84EB Datasheet HTML 23Page - Renesas Technology Corp M38C84EB Datasheet HTML 24Page - Renesas Technology Corp M38C84EB Datasheet HTML 25Page - Renesas Technology Corp M38C84EB Datasheet HTML 26Page - Renesas Technology Corp M38C84EB Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
22
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
Timer Y
Timer Y is a 16-bit timer that can be selected in one of four modes.
(1) Timer Mode
The timer counts f(XIN)/16 (or f(XCIN)/16 in low-speed mode).
(2) Period Measurement Mode
CNTR1 interrupt request is generated at rising/falling edge of CNTR1
pin input signal. Simultaneously, the value in timer Y latch is reloaded
in timer Y and timer Y continues counting down. Except for the above-
mentioned, the operation in period measurement mode is the same
as in timer mode.
The timer value just before the reloading at rising/falling of CNTR1
pin input signal is retained until the timer Y is read once after the
reload.
The rising/falling timing of CNTR1 pin input signal is found by CNTR1
interrupt. When using a timer in this mode, set the port shared with
the CNTR1 pin to input.
(3) Event Counter Mode
The timer counts signals input through the CNTR1 pin.
Except for this, the operation in event counter mode is the same as
in timer mode. When using a timer in this mode, set the port shared
with the CNTR1 pin to input.
(4) Pulse Width HL Continuously Measurement
Mode
CNTR1 interrupt request is generated at both rising and falling edges
of CNTR1 pin input signal. Except for this, the operation in pulse
width HL continuously measurement mode is the same as in period
measurement mode. When using a timer in this mode, set the port
shared with the CNTR1 pin to input.
sNotes on CNTR1 interrupt active edge selection
CNTR1 interrupt active edge depends on the CNTR1 active edge
switch bit. However, in the pulse width HL continuously measure-
ment mode, CNTR1 interrupt request is generated at both rising and
falling edges of CNTR1 pin input signal regardless of the setting of
CNTR1 active edge switch bit.
Fig. 18 Structure of timer Y mode register
Timer Y mode register
(TYM : address 002816)
b7
b0
Timer X count source selection bit
0 : f(XIN)/16 (f(XCIN)/16 in low-speed mode✽)
1 : f(XIN)
Not used (return “0” when read)
Timer Y operating mode bits
b5 b4
0
0 : Timer mode
0
1 : Period measurement mode
1
0 : Event counter mode
1
1 : Pulse width HL continuously
measurement mode
CNTR1 active edge switch bit
0 : Count at rising edge in event counter mode
Measure the falling edge to falling edge
period in period measurement mode
Interrupt falling edge active
1 : Count at falling edge in event counter mode
Measure the rising edge period in period
measurement mode
Interrupt rising edge active
Timer Y stop control bit
0 : Count start
1 : Count stop
✽ Internal clock
φ in low-speed mode is XCIN divided by 2.
When the timer X operating mode bits are “00” or “11”, the timer X count source is
f(XCIN)/16. When the timer X operating mode bits are “01”, the timer X count source
is f(XCIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com