Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38B76FD Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # M38B76FD
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B76FD Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button M38B76FD Datasheet HTML 66Page - Renesas Technology Corp M38B76FD Datasheet HTML 67Page - Renesas Technology Corp M38B76FD Datasheet HTML 68Page - Renesas Technology Corp M38B76FD Datasheet HTML 69Page - Renesas Technology Corp M38B76FD Datasheet HTML 70Page - Renesas Technology Corp M38B76FD Datasheet HTML 71Page - Renesas Technology Corp M38B76FD Datasheet HTML 72Page - Renesas Technology Corp M38B76FD Datasheet HTML 73Page - Renesas Technology Corp M38B76FD Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
69
RESET CIRCUIT
To reset the microcomputer, RESET pin should be held at an “L”
level for 2
µs or more. Then the RESET pin is returned to an “H”
level (the power source voltage should be between 2.7 V and 5.5
V, and the oscillation should be stable), reset is released. After the
reset is completed, the program starts from the address contained
in address FFFD16 (high-order byte) and address FFFC16 (low-
order byte). Make sure that the reset input voltage is less than
0.54 V for Vcc of 2.7 V (switching to the high-speed mode, a
power source voltage must be between 4.0 V and 5.5 V).
Fig. 77 Reset sequence
Fig. 76 Reset circuit example
(Note)
0.2VCC
0V
0V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage ; Vcc=2.7 V
RESET
Internal
reset
Data
φ
Address
SYNC
XIN: about 4000 cycles
XIN
?
?
?
?
?
FFFC
FFFD
ADH, ADL
1: The frequency relation of f(XIN) and f(
φ) is f(XIN)=4 • f(φ).
2: The question marks (?) indicate an undefined state that depends on the previous state.
Notes
ADL
ADH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com