Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38B76FD Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M38B76FD
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B76FD Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M38B76FD Datasheet HTML 25Page - Renesas Technology Corp M38B76FD Datasheet HTML 26Page - Renesas Technology Corp M38B76FD Datasheet HTML 27Page - Renesas Technology Corp M38B76FD Datasheet HTML 28Page - Renesas Technology Corp M38B76FD Datasheet HTML 29Page - Renesas Technology Corp M38B76FD Datasheet HTML 30Page - Renesas Technology Corp M38B76FD Datasheet HTML 31Page - Renesas Technology Corp M38B76FD Datasheet HTML 32Page - Renesas Technology Corp M38B76FD Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
28
SERIAL I/O
Serial I/O1
Serial I/O1 is used as the clock synchronous serial I/O and has an
ordinary mode and an automatic transfer mode. In the automatic
transfer mode, serial transfer is performed through the serial I/O
automatic transfer RAM which has up to 256 bytes (addresses
Fig. 21 Block diagram of serial I/O1
0F0016 to 0FFF16).
The PB1/SRDY1, PB2/SBUSY1, and PB3/SSTB1 pins each have a
handshake I/O signal function and can select either “H” active or
“L” active for active logic.
Main
data bus
Serial I/O1
automatic transfer
controller
Local
data bus
Serial I/O automatic
transfer RAM
(0F0016 to 0FFF16)
Serial I/O1
control register 3
XCIN
XIN
Internal system
clock selection bit
Serial I/O1
automatic transfer
data pointer
Address decoder
Main address
bus
Local address
bus
“1”
“0”
1/8
1/16
1/32
1/64
1/128
Serial I/O1
interrupt request
PB2 latch
Serial I/O1 counter
Synchronous
circuit
Serial I/O1
synchronous clock
selection bit
“1”
PB1 latch
PB4/SCLK11
“0”
“1”
“0”
Internal synchronous
clock selection bits
1/256
PB3 latch
PB2/SBUSY1
PB3/SSTB1
(PB3/SSTB1 pin control bit)
Serial transfer
status flag
“0”
“1”
“0”
“1”
PB1/SRDY1
“0”
“1”
PB4 latch
PB5/SOUT1
PB6/SIN1
PB5 latch
Serial I/O1 register (8)
“0”
“1” Serial transfer selection bits
1/2
1/4
Serial I/O1 clock
pin selection bit
PB0/SCLK12
“1”
“0”
PB0 latch
“0”
“1”
“0”“1”
Serial I/O1 clock
pin selection bits
PB1/SRDY1•PB2/SBUSY1
pin control bit
PB1/SRDY1•PB2/SBUSY1
pin control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com