Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38B78FF Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M38B78FF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B78FF Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M38B78FF Datasheet HTML 58Page - Renesas Technology Corp M38B78FF Datasheet HTML 59Page - Renesas Technology Corp M38B78FF Datasheet HTML 60Page - Renesas Technology Corp M38B78FF Datasheet HTML 61Page - Renesas Technology Corp M38B78FF Datasheet HTML 62Page - Renesas Technology Corp M38B78FF Datasheet HTML 63Page - Renesas Technology Corp M38B78FF Datasheet HTML 64Page - Renesas Technology Corp M38B78FF Datasheet HTML 65Page - Renesas Technology Corp M38B78FF Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
61
D-A CONVERTER
The 38B7 group has one internal D-A converter with 8-bit resolu-
tion.
The D-A conversion is performed by setting the value in the D-A
conversion register. The result of D-A conversion is output from
the DA pin by setting the DA output enable bit to “1”.
When using the D-A converter, the PB0/DA port direction register
bit must be set to “0” (input status).
The output analog voltage V is determined by the value n (deci-
mal notation) in the D-A conversion register as follows:
V = VREF ✕ n/256 (n = 0 to 255)
Where VREF is the reference voltage.
At reset, the D-A conversion register is cleared to “0016”, and the
DA output enable bit is cleared to “0”, and PB0/DA pin becomes
high impedance.
The DA output does not have buffers. Accordingly, connect an ex-
ternal buffer when driving a low-impedance load.
Set VCC to 3.0 V or more when using the D-A converter.
Fig. 62 Block diagram of D-A converter
Fig. 63 Equivalent connection circuit of D-A converter
PB0/DA
D-A conversion register (8)
R-2R resistor ladder
DA output enable bit
AVSS
VREF
“0”
“1”
MSB
“0”
“1”
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
2R
LSB
2R
PB0/DA
D-A conversion register
DA output enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com