Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38B78FF Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # M38B78FF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B78FF Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button M38B78FF Datasheet HTML 63Page - Renesas Technology Corp M38B78FF Datasheet HTML 64Page - Renesas Technology Corp M38B78FF Datasheet HTML 65Page - Renesas Technology Corp M38B78FF Datasheet HTML 66Page - Renesas Technology Corp M38B78FF Datasheet HTML 67Page - Renesas Technology Corp M38B78FF Datasheet HTML 68Page - Renesas Technology Corp M38B78FF Datasheet HTML 69Page - Renesas Technology Corp M38B78FF Datasheet HTML 70Page - Renesas Technology Corp M38B78FF Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
66
Interrupt interval determination control register
(IIDCON: address 003116)
Interrupt interval determination circuit operating selection bit
0 : Stopped
1 : Operating
Counter sampling clock selection bit
0 : f(XIN)/128 or f(XCIN)
1 : f(XIN)/256 or f(XCIN)/2
Noise filter sampling clock selection bits (INT2)
b3b2
0 0 : Filter stop
0 1 : f(XIN)/32 or f(XCIN)
1 0 : f(XIN)/64 or f(XCIN)/2
1 1 : f(XIN)/128 or f(XCIN)/4
One-sided/both-sided edge detection selection bit
0 : One-sided edge detection
1 : Both-sided edge detection (can be used when using a noise filter)
Not used (return “0” when read)
(Do not write “1” to these bits.)
b7
b0
Remote control
interrupt request
0
1
2
3
4
5
6
1
2
3
0
FE
FF
N
FF
0
FF
6
6
N
1
N
(When IIDCON4 = “0”)
Noise filter
sampling clock
INT2 pin
Acceptance of
interrupt
Counter sampling
clock
8-bit binary up
counter value
Interrupt interval
determination
register value
Remote control
interrupt request
Counter overflow
interrupt request
0
1
1
0
FE
FF
2
FF
2
3
3
FF
2
N
N
N
3
2
2
2
0
1
2
1
0
1
0
2
Remote control
interrupt request
(When IIDCON4 = “1”)
Noise filter
sampling clock
INT2 pin
Acceptance of
interrupt
Counter sampling
clock
8-bit binary up
counter value
Interrupt interval
determination
register value
Remote control
interrupt request
Counter overflow
interrupt request
Remote control
interrupt request
Remote control
interrupt request
Fig. 71 Interrupt interval determination operation example (at both-sided edge active)
Fig. 70 Interrupt interval determination operation example (at rising edge active)
Fig. 69 Structure of interrupt interval determination control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com