Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38B78FF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38B78FF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B78FF Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38B78FF Datasheet HTML 1Page - Renesas Technology Corp M38B78FF Datasheet HTML 2Page - Renesas Technology Corp M38B78FF Datasheet HTML 3Page - Renesas Technology Corp M38B78FF Datasheet HTML 4Page - Renesas Technology Corp M38B78FF Datasheet HTML 5Page - Renesas Technology Corp M38B78FF Datasheet HTML 6Page - Renesas Technology Corp M38B78FF Datasheet HTML 7Page - Renesas Technology Corp M38B78FF Datasheet HTML 8Page - Renesas Technology Corp M38B78FF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
1
DESCRIPTION
The 38B7 group is the 8-bit microcomputer based on the 740 family
core technology.
The 38B7 group has six 8-bit timers, one 16-bit timer, a fluorescent
display automatic display circuit, 16-channel 10-bit A-D converter, a
serial I/O with automatic transfer function, which are available for
controlling musical instruments and household appliances.
FEATURES
<Microcomputer mode>
• Basic machine-language instructions ....................................... 71
• The minimum instruction execution time .......................... 0.48 µs
(at 4.2 MHz oscillation frequency)
• Memory size
ROM ........................................................ 60K bytes
RAM .......................................................2048 bytes
• Programmable input/output ports ............................................. 75
• High-breakdown-voltage output ports ...................................... 52
• Software pull-up resistors . (Ports P64 to P67, P7, P80 to P83, P9,
PA, PB)
• Interrupts .................................................. 22 sources, 16 vectors
• Timers ........................................................... 8-bit ✕ 6, 16-bit ✕ 1
• Serial I/O1 (Clock-synchronized) ................................... 8-bit ✕ 1
(max. 256-byte automatic transfer function)
• Serial I/O2 (UART or Clock-synchronized) .................... 8-bit ✕ 1
• Serial I/O3 (Clock-synchronized) ................................... 8-bit ✕ 1
• PWM ............................................................................ 14-bit ✕ 1
8-bit ✕ 1 (also functions as timer 6)
• A-D converter .............................................. 10-bit ✕ 16 channels
• D-A converter ................................................................1 channel
• Fluorescent display function ......................... Total 56 control pins
• Interrupt interval determination function ..................................... 1
(Serviceable even in low-speed mode)
• Watchdog timer ............................................................ 16-bit ✕ 1
• Buzzer output ............................................................................. 1
• Two clock generating circuits
Main clock (XIN–XOUT) .......................... Internal feedback resistor
Sub-clock (XCIN–XCOUT) .......... Without internal feedback resistor
(connect to external ceramic resonator or quartz-crystal oscillator)
• Power source voltage
In high-speed mode ................................................... 4.0 to 5.5 V
(at 4.2 MHz oscillation frequency and high-speed selected)
In middle-speed mode ........................................... 2.7 to 5.5 V (*)
(at 4.2 MHz oscillation frequency and middle-speed selected)
In low-speed mode ................................................ 2.7 to 5.5 V (*)
(at 32 kHz oscillation frequency)
(*: 4.0 to 5.5 V for Flash memory version)
• Power dissipation
In high-speed mode .......................................................... 35 mW
(at 4.2 MHz oscillation frequency)
In low-speed mode ............................................................. 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
• Operating temperature range ................................... –20 to 85 °C
<Flash memory mode>
qSupply voltage ................................................. VCC = 5 V ± 10 %
qProgram/Erase voltage ............................... VPP = 11.7 to 12.6 V
qProgramming method ...................... Programming in unit of byte
qErasing method
Batch erasing ........................................ Parallel/Serial I/O mode
Block erasing .................................... CPU reprogramming mode
qProgram/Erase control by software command
qNumber of times for programming/erasing ............................ 100
qOperating temperature range (at programming/erasing)
..................................................................... Normal temperature
sNotes
1. The flash memory version cannot be used for application em-
bedded in the MCU card.
2. Power source voltage Vcc of the flash memory version is 4.0
to 5.5 V.
APPLICATION
Musical instruments, VCR, household appliances, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com