Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38063M9DFP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M38063M9DFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063M9DFP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M38063M9DFP Datasheet HTML 45Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 46Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 47Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 48Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 49Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 50Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 51Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 52Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
48
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
(VCC = 2.7 to 5.5 V, VSS = AVSS = 0 V, VREF = 2.7 V to VCC, Ta = –20 to 85
°C, unless otherwise noted)
D-A CONVERTER CHARACTERISTICS (High-speed version)
Note: Using one D-A converter, with the value in the D-A conversion register of the other D-A converter being “0016”, and excluding cur-
rents flowing through the A-D resistance ladder.
8
1.0
2.5
3
4
3.2
Resolution
Absolute accuracy
VCC = 4.0 to 5.5 V
VCC = 2.7 to 5.5 V
Setting time
Output resistor
Reference power source input current (Note)
—
—
tsu
RO
IVREF
Symbol
Parameter
Limits
Min.
Bits
%
µs
k
Ω
mA
Unit
1
Typ.
Max.
Test conditions
2.5
MITSUBISHI MICROCOMPUTERS
3806 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com