Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38063M9DFP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M38063M9DFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063M9DFP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M38063M9DFP Datasheet HTML 28Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 29Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 30Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 31Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 32Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 33Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 34Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 35Page - Renesas Technology Corp M38063M9DFP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
31
MITSUBISHI MICROCOMPUTERS
3806 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Bus control with memory expansion
_____
The 3806 group has a built-in ONW function to facilitate access to
external memory and I/O devices in memory expansion mode or
microprocessor mode.
_____
If an “L” level signal is input to the ONW pin when the CPU is in a
read or write state, the corresponding read or write cycle is ex-
___
tended by one cycle of
φ. During this extended period, the RD or
___
WR signal remains at “L”. This extension period is valid only for
writing to and reading from addresses 000016 to 000716 and
044016 to FFFF16 in microprocessor mode, 044016 to YYYY16 in
memory expansion mode, and only read and write cycles are ex-
tended.
_____
Fig. 30 ONW function timing
φ
Read cycle
Write cycle
Dummy cycle Write cycle
Read cycle Dummy cycle
AD15 to AD0
Period during which ONW input signal is received
During this period, the ONW signal must be fixed at either “H” or “L”. At all other times, the input level of the ONW
signal has no affect on operations.
The bus cycles is not extended for an address in the area 000816 to 043F16, regardless of whether the ONW signal
is received.
V :
V
VV
ONW
WR
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com