Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSG2001VF Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HSG2001VF
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001VF Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HSG2001VF Datasheet HTML 13Page - Renesas Technology Corp HSG2001VF Datasheet HTML 14Page - Renesas Technology Corp HSG2001VF Datasheet HTML 15Page - Renesas Technology Corp HSG2001VF Datasheet HTML 16Page - Renesas Technology Corp HSG2001VF Datasheet HTML 17Page - Renesas Technology Corp HSG2001VF Datasheet HTML 18Page - Renesas Technology Corp HSG2001VF Datasheet HTML 19Page - Renesas Technology Corp HSG2001VF Datasheet HTML 20Page - Renesas Technology Corp HSG2001VF Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 17 of 24
S parameter
(VCE = 3 V, IC = 50 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.574
-109.4
62.90
129.6
0.0101
70.7
0.715
-72.1
200
0.636
-142.3
38.70
109.0
0.0179
43.7
0.526
-106.4
300
0.653
-157.0
26.78
99.4
0.0226
46.7
0.460
-126.8
400
0.664
-165.3
20.21
93.2
0.0267
50.1
0.432
-139.7
500
0.669
-171.2
16.15
89.0
0.0288
51.8
0.418
-149.2
600
0.672
-175.8
13.36
85.7
0.0326
52.8
0.414
-156.3
700
0.674
-179.5
11.38
82.9
0.0359
54.0
0.409
-162.0
800
0.678
177.3
9.90
80.5
0.0396
55.4
0.409
-166.6
900
0.679
174.5
8.75
78.4
0.0435
55.2
0.409
-170.6
1000
0.683
171.8
7.84
76.5
0.0471
54.8
0.409
-174.0
1100
0.685
169.4
7.10
74.5
0.0505
55.6
0.408
-177.2
1200
0.687
167.0
6.48
72.7
0.0541
55.1
0.411
179.7
1300
0.688
164.9
5.96
70.9
0.0576
56.3
0.412
177.2
1400
0.691
162.9
5.52
69.2
0.0617
55.1
0.414
174.7
1500
0.694
160.8
5.14
67.6
0.0651
55.4
0.415
172.5
1600
0.696
158.8
4.80
65.9
0.0680
54.6
0.417
170.3
1700
0.699
157.0
4.51
64.4
0.0717
53.5
0.420
168.4
1800
0.702
155.3
4.25
62.7
0.0757
53.2
0.422
166.5
1900
0.704
153.5
4.01
61.1
0.0784
52.5
0.425
164.7
2000
0.707
151.8
3.81
59.5
0.0822
51.6
0.428
162.7
2100
0.710
149.9
3.62
58.0
0.0853
50.9
0.430
161.0
2200
0.713
148.4
3.44
56.5
0.0892
50.3
0.434
159.3
2300
0.718
146.8
3.29
55.0
0.0923
49.5
0.436
158.0
2400
0.719
145.3
3.14
53.3
0.0946
48.7
0.439
156.6
2500
0.721
143.7
3.01
51.9
0.0991
47.6
0.443
155.2
2600
0.725
142.1
2.89
50.4
0.1012
47.1
0.445
153.5
2700
0.729
140.8
2.77
49.0
0.1045
46.5
0.447
152.1
2800
0.733
139.2
2.68
47.4
0.1077
45.4
0.452
150.6
2900
0.735
137.8
2.57
46.0
0.1096
43.7
0.455
149.2
3000
0.736
136.4
2.48
44.5
0.1132
43.3
0.460
147.9
3100
0.741
135.1
2.39
43.1
0.1158
42.7
0.463
146.8
3200
0.744
133.7
2.31
41.6
0.1191
41.5
0.467
145.5
3300
0.747
132.3
2.24
40.2
0.1217
40.8
0.469
144.2
3400
0.750
130.9
2.17
38.7
0.1233
40.0
0.471
142.8
3500
0.752
129.7
2.10
37.4
0.1254
39.0
0.473
141.5
3600
0.753
128.3
2.03
36.0
0.1282
38.4
0.477
140.1
3700
0.754
127.2
1.97
34.8
0.1309
37.6
0.480
138.8
3800
0.755
125.9
1.91
33.5
0.1343
37.1
0.483
137.9
3900
0.759
124.9
1.87
32.2
0.1369
36.0
0.485
136.9
4000
0.761
123.7
1.82
30.8
0.1395
35.1
0.489
135.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com