Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSG2001VF Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HSG2001VF
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001VF Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HSG2001VF Datasheet HTML 16Page - Renesas Technology Corp HSG2001VF Datasheet HTML 17Page - Renesas Technology Corp HSG2001VF Datasheet HTML 18Page - Renesas Technology Corp HSG2001VF Datasheet HTML 19Page - Renesas Technology Corp HSG2001VF Datasheet HTML 20Page - Renesas Technology Corp HSG2001VF Datasheet HTML 21Page - Renesas Technology Corp HSG2001VF Datasheet HTML 22Page - Renesas Technology Corp HSG2001VF Datasheet HTML 23Page - Renesas Technology Corp HSG2001VF Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 20 of 24
S parameter
(VCE = 4 V, IC = 10 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.816
-41.7
25.68
154.3
0.0259
81.0
0.901
-29.3
200
0.785
-76.7
22.06
134.8
0.0400
48.7
0.754
-51.5
300
0.749
-102.8
18.13
120.7
0.0499
41.6
0.624
-68.5
400
0.732
-121.3
14.96
110.4
0.0537
36.1
0.525
-81.5
500
0.722
-134.5
12.52
103.0
0.0569
32.5
0.456
-92.1
600
0.714
-144.6
10.64
97.1
0.0587
30.0
0.406
-101.3
700
0.710
-152.5
9.21
92.4
0.0610
29.6
0.368
-109.0
800
0.707
-159.1
8.09
88.3
0.0628
27.4
0.343
-116.1
900
0.705
-164.5
7.19
85.0
0.0644
27.8
0.322
-122.5
1000
0.704
-169.2
6.48
82.0
0.0653
27.2
0.306
-128.3
1100
0.705
-173.5
5.87
79.1
0.0674
26.9
0.293
-133.6
1200
0.707
-177.3
5.37
76.6
0.0687
27.0
0.284
-138.7
1300
0.707
179.3
4.95
74.1
0.0695
27.2
0.277
-143.5
1400
0.709
176.2
4.58
71.8
0.0710
27.4
0.271
-147.7
1500
0.710
173.2
4.27
69.7
0.0727
28.1
0.268
-151.6
1600
0.712
170.3
3.99
67.5
0.0738
28.2
0.265
-155.4
1700
0.713
167.8
3.75
65.5
0.0752
27.6
0.264
-158.6
1800
0.717
165.4
3.53
63.5
0.0764
28.3
0.263
-161.7
1900
0.718
163.1
3.34
61.5
0.0780
28.6
0.263
-164.9
2000
0.721
160.8
3.17
59.6
0.0802
28.3
0.263
-167.9
2100
0.723
158.5
3.01
57.7
0.0813
28.5
0.264
-170.6
2200
0.727
156.5
2.87
55.9
0.0836
29.0
0.266
-173.0
2300
0.730
154.5
2.74
54.1
0.0845
28.9
0.268
-175.2
2400
0.731
152.6
2.62
52.2
0.0863
29.2
0.270
-177.5
2500
0.734
150.7
2.50
50.5
0.0887
28.6
0.272
-179.4
2600
0.738
148.8
2.41
48.8
0.0897
29.2
0.274
178.3
2700
0.741
147.1
2.31
47.0
0.0915
29.0
0.276
176.5
2800
0.746
145.4
2.23
45.3
0.0938
28.8
0.280
174.2
2900
0.747
143.8
2.14
43.6
0.0945
28.4
0.284
172.4
3000
0.749
142.1
2.07
41.9
0.0963
28.7
0.289
170.7
3100
0.753
140.5
2.00
40.3
0.0978
28.9
0.293
169.3
3200
0.756
139.0
1.93
38.6
0.1005
28.3
0.297
167.7
3300
0.759
137.4
1.87
37.0
0.1015
28.2
0.299
166.2
3400
0.762
135.8
1.81
35.3
0.1029
28.2
0.302
164.5
3500
0.764
134.4
1.75
33.8
0.1043
28.1
0.305
163.1
3600
0.765
132.8
1.70
32.2
0.1056
27.7
0.310
161.3
3700
0.767
131.6
1.65
30.8
0.1083
28.1
0.313
159.9
3800
0.768
130.3
1.60
29.3
0.1102
27.8
0.317
158.8
3900
0.772
129.1
1.56
27.9
0.1125
27.5
0.322
157.8
4000
0.775
127.8
1.52
26.3
0.1147
27.4
0.326
156.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com