Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSG2001VF Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HSG2001VF
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001VF Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HSG2001VF Datasheet HTML 15Page - Renesas Technology Corp HSG2001VF Datasheet HTML 16Page - Renesas Technology Corp HSG2001VF Datasheet HTML 17Page - Renesas Technology Corp HSG2001VF Datasheet HTML 18Page - Renesas Technology Corp HSG2001VF Datasheet HTML 19Page - Renesas Technology Corp HSG2001VF Datasheet HTML 20Page - Renesas Technology Corp HSG2001VF Datasheet HTML 21Page - Renesas Technology Corp HSG2001VF Datasheet HTML 22Page - Renesas Technology Corp HSG2001VF Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 19 of 24
S parameter
(VCE = 4 V, IC = 5 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.904
-28.4
14.33
161.0
0.0287
87.5
0.956
-17.9
200
0.879
-54.6
13.25
145.3
0.0470
58.6
0.864
-33.4
300
0.839
-77.4
11.82
132.0
0.0646
49.3
0.764
-46.3
400
0.811
-96.4
10.43
121.2
0.0723
41.0
0.666
-56.6
500
0.792
-111.4
9.14
112.7
0.0775
34.4
0.585
-65.0
600
0.773
-123.6
8.02
105.6
0.0824
29.7
0.519
-72.2
700
0.761
-133.6
7.09
99.6
0.0850
26.5
0.464
-78.0
800
0.753
-142.1
6.33
94.6
0.0874
23.1
0.423
-83.6
900
0.745
-149.1
5.69
90.4
0.0889
21.2
0.387
-88.3
1000
0.742
-155.2
5.16
86.6
0.0896
18.9
0.357
-92.9
1100
0.739
-160.6
4.70
83.1
0.0903
17.5
0.333
-96.7
1200
0.739
-165.4
4.33
79.9
0.0910
16.2
0.312
-100.9
1300
0.737
-169.7
4.00
76.9
0.0907
14.9
0.295
-104.7
1400
0.737
-173.7
3.71
74.2
0.0911
14.1
0.281
-108.4
1500
0.737
-177.3
3.46
71.6
0.0907
13.7
0.269
-112.0
1600
0.738
179.2
3.25
69.0
0.0902
12.9
0.259
-115.4
1700
0.739
176.1
3.05
66.6
0.0903
12.3
0.252
-118.7
1800
0.741
173.2
2.88
64.3
0.0900
12.0
0.245
-121.8
1900
0.743
170.5
2.73
61.9
0.0904
12.0
0.240
-125.0
2000
0.745
167.7
2.59
59.8
0.0903
11.6
0.235
-128.2
2100
0.747
165.1
2.46
57.6
0.0901
11.5
0.232
-131.3
2200
0.749
162.8
2.34
55.5
0.0905
11.9
0.231
-134.4
2300
0.753
160.4
2.24
53.4
0.0898
11.4
0.230
-137.2
2400
0.754
158.3
2.14
51.3
0.0892
11.7
0.230
-139.8
2500
0.757
156.0
2.05
49.4
0.0897
12.2
0.230
-142.4
2600
0.761
153.9
1.97
47.4
0.0891
12.3
0.230
-145.0
2700
0.764
152.0
1.89
45.5
0.0893
12.5
0.231
-147.5
2800
0.767
150.0
1.83
43.5
0.0896
12.8
0.233
-150.3
2900
0.768
148.2
1.75
41.7
0.0903
12.4
0.235
-152.9
3000
0.770
146.4
1.69
39.8
0.0902
13.4
0.238
-155.2
3100
0.775
144.6
1.64
37.9
0.0899
13.7
0.242
-157.4
3200
0.778
142.8
1.58
36.1
0.0917
14.3
0.247
-159.6
3300
0.781
141.1
1.53
34.3
0.0910
14.2
0.249
-161.6
3400
0.783
139.4
1.48
32.5
0.0913
15.0
0.252
-163.7
3500
0.786
137.9
1.43
30.8
0.0915
15.2
0.256
-165.7
3600
0.787
136.2
1.39
29.0
0.0921
15.7
0.260
-168.0
3700
0.788
134.8
1.35
27.5
0.0928
16.4
0.264
-170.0
3800
0.789
133.4
1.31
25.9
0.0939
17.5
0.270
-171.7
3900
0.794
132.1
1.27
24.3
0.0948
18.2
0.275
-173.1
4000
0.797
130.6
1.24
22.7
0.0967
18.4
0.282
-174.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com