Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38000 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # H8/38000
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38000 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button H8/38000 Datasheet HTML 65Page - Renesas Technology Corp H8/38000 Datasheet HTML 66Page - Renesas Technology Corp H8/38000 Datasheet HTML 67Page - Renesas Technology Corp H8/38000 Datasheet HTML 68Page - Renesas Technology Corp H8/38000 Datasheet HTML 69Page - Renesas Technology Corp H8/38000 Datasheet HTML 70Page - Renesas Technology Corp H8/38000 Datasheet HTML 71Page - Renesas Technology Corp H8/38000 Datasheet HTML 72Page - Renesas Technology Corp H8/38000 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 555 page
background image
Section 1 Overview
Rev. 6.00 Mar 15, 2005 page 19 of 502
REJ09B0024-0600
1.4
Pin Functions
Table 1.4
Pin Functions
Pin No.
Type
Symbol
FP-64A,
FP-64E,
FP-64K
DP-64S
Pad
No.*
1*3
Pad
No.*
2
I/O
Functions
VCC
16
24
17
16
Input
Power supply pin. Connect this
pin to the system power supply.
Power
source pins
VSS
4 (= AVSS)
55
12 (= AVSS)
63
4
5
56
4
55
Input
Ground pin. Connect this pin to
the system power supply (0V).
AVCC
61
5
62
61
Input
Analog power supply pin for the
A/D converter. When the A/D
converter is not used, connect
this pin to the system power
supply.
AVSS
4 (= VSS)12 (= VSS)4
5
4
Input
Ground pin for the A/D
converter. Connect this pin to
the system power supply (0 V).
V1
V2
V3
17
18
19
25
26
27
18
19
20
17
18
19
Input
Power supply pin for the LCD
controller/driver.
CVCC*
4
53
—
—
—
Input
This is the internal step-down
power supply pin. To ensure
stability, a capacitor with a rating
of about 0.1 µF should be
connected between this pin and
the VSS pin.
Clock pins
OSC1
6
14
7
6
Input
OSC2
5136
5
Output
These pins connect to a crystal
or ceramic resonator for system
clocks, or can be used to input
an external clock.
See section 4, Clock Pulse
Generators, for a typical
connection.
X1
2102
2
Input
X2
3113
3
Output
These pins connect to a 32.768-
or 38.4-kHz*
5 crystal resonator
for subclocks.
See section 4, Clock Pulse
Generators, for a typical
connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com